Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 381 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 381 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 377Page - National Semiconductor (TI) CS5535 Datasheet HTML 378Page - National Semiconductor (TI) CS5535 Datasheet HTML 379Page - National Semiconductor (TI) CS5535 Datasheet HTML 380Page - National Semiconductor (TI) CS5535 Datasheet HTML 381Page - National Semiconductor (TI) CS5535 Datasheet HTML 382Page - National Semiconductor (TI) CS5535 Datasheet HTML 383Page - National Semiconductor (TI) CS5535 Datasheet HTML 384Page - National Semiconductor (TI) CS5535 Datasheet HTML 385Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 555 page
background image
Revision 0.8
381
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.4 Bank 1 Register Descriptions
The bit formats of the registers in Bank 1 are summarized in Table 5-36. Detailed descriptions of each register follow.
5.12.4.1
Legacy Baud Generator Divisor Port
Legacy Baud Generator Divisor Low Byte (LBGD_L)
Legacy Baud Generator Divisor High Byte (LBGD_H)
The Legacy Baud Generator Divisor (LBGD) port provides an alternate data path to the Baud Divisor Generator register.
LBGD is a 16-bit wide port split into two bytes, LBGD_L an LBGD_H, occupying consecutive address locations. This port is
implemented to maintain compatibility with 16550 standard and to support existing legacy software packages. New soft-
ware should use the BGD port in Bank 2 to access the baud generator divisor register.
The programmable baud rates in the non-extended mode are achieved by dividing a 24 MHz clock by a prescale value of
13, 1.625 or 1. This prescale value is selected by the PRESL field of EXCR2 (Section 5.12.5.4 on page 385).
Divisor values between 1 and 216-1 can be used (0 cannot be used, see Table 5-38 "Baud Generator Divisor Settings" on
page 382). The baud generator divisor must be loaded during initialization to ensure proper operation of the baud genera-
tor. Upon loading either part of it, the baud generator counter is immediately loaded. Table 5-38 shows typical baud divi-
sors. After reset, the divisor register contents are indeterminate.
If the UART is in extended mode, any access to the LBGD_L or LBGD_H causes a reset to the default non-extended mode
(i.e., 16550 mode). To access a baud generator divisor when in extended mode, use the port pair in Bank 2 (see Section
5.12.5.1 "Baud Generator Divisor Port" on page 383).
Table 5-37 shows the bits that are cleared when fallback occurs during extended or non-extended modes. If the UART is in
non-extended mode and the LOCK bit is 1, the content of the divisor (BGD) port is not be effected and no other action is
taken.
Table 5-36. Bank 1 Bit Map
Register
Bits
I/O
Offset
Name
765
4321
0
00h
LBGD_L
LBGD[7:0]
01h
LBGD_H
LBGD[15:8]
02h
RSVD
RSVD
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1
WLS0
BSR
BKSE
BSR[6:0]
04-07h
RSVD
RSVD
I/O Offset
00h
Type
R/W
Reset Value
xxh
I/O Offset
01h
Type
R/W
Reset Value
xxh
Table 5-37. Bits Cleared on Fallback
Register
Name
UART Mode and LOCK Bit before Fallback
Extended Mode LOCK = x
Non-Extended Mode LOCK = 0
Non-Extended Mode LOCK = 1
MCR
2 to 7
None
None
EXCR1
0, 5 and 7
5 and 7
None
EXCR2
0 to 5
0 to 5
None
IRCR1
2 and 3
None
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com