Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 390 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 390 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 386Page - National Semiconductor (TI) CS5535 Datasheet HTML 387Page - National Semiconductor (TI) CS5535 Datasheet HTML 388Page - National Semiconductor (TI) CS5535 Datasheet HTML 389Page - National Semiconductor (TI) CS5535 Datasheet HTML 390Page - National Semiconductor (TI) CS5535 Datasheet HTML 391Page - National Semiconductor (TI) CS5535 Datasheet HTML 392Page - National Semiconductor (TI) CS5535 Datasheet HTML 393Page - National Semiconductor (TI) CS5535 Datasheet HTML 394Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 555 page
background image
www.national.com
390
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.8 Bank 5 Register Descriptions
The bit formats for the registers in Bank 5 are summarized in Table 5-43. Detailed descriptions of each register follow.
5.12.8.1
Bank Select Register (BSR)
BSR is the same as the BSR register at I/O Offset 03h in Bank 0. See Section 5.12.3.4 "Link Control/Bank Select Regis-
ters" on page 373 for bit descriptions.
5.12.8.2
IR Control Register 2 (IRCR2)
IRCR2 controls the basic settings of the IR modes. Upon reset, the content of this register is 02h.
Table 5-43. Bank 5 Bit Map
Register
Bits
I/O
Offset
Name
76543210
00h-02h
RSVD
RSVD
03h
BSR
BKSE
BSR[6:0]
04h
IRCR2
RSVD
RSVD
RSVD
AUX_IRRX
RSVD
RSVD
IRMSSL
IR_FDPLX
05h-07h
RSVD
RSVD
I/O Offset
03h
Type
R/W
Reset Value
00h
I/O Offset
04h
Type
R/W
Reset Value
02h
IRCR2 Register Map
76
54
32
10
RSVD
RSVD
RSVD
AUX_IRRX
RSVD
RSVD
IRMSSL
IR_FDPLX
IRCR2 Bit Descriptions
Bit
Name
Description
7:5
RSVD
Reserved. Write to 0.
4
AUX_IRRX
Auxiliary IR Input Select. When set to 1, the IR signal is received from the auxiliary
input. See Table 5-51 "IR Receive Input Selection" on page 399.
3:2
RSVD
Reserved. Write to 0.
1
IRMSSL
MSR Register Function Select in IR Mode. This bit selects the behavior of the MSR
and Modem Status Interrupt (MS_EV) when an IR mode is selected. When a UART
mode is selected, the MSR and the MS_EV function normally and this bit is ignored.
0: MSR and MS_EV work in the IR modes as in the UART mode.
1: MSR returns 30h, and MS_EV is disabled (Default).
0IR_FDPLX
Enable IR Full Duplex Mode. When set to 1, the IR receiver is not masked during trans-
mission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com