Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 398 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 398 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 394Page - National Semiconductor (TI) CS5535 Datasheet HTML 395Page - National Semiconductor (TI) CS5535 Datasheet HTML 396Page - National Semiconductor (TI) CS5535 Datasheet HTML 397Page - National Semiconductor (TI) CS5535 Datasheet HTML 398Page - National Semiconductor (TI) CS5535 Datasheet HTML 399Page - National Semiconductor (TI) CS5535 Datasheet HTML 400Page - National Semiconductor (TI) CS5535 Datasheet HTML 401Page - National Semiconductor (TI) CS5535 Datasheet HTML 402Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 555 page
background image
www.national.com
398
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.10.5 IR Interface Configuration Register 1 (IRCFG1)
IRCFG1 holds the transceiver configuration data for Sharp_IR and SIR modes. It is also used to directly control the trans-
ceiver operation mode when automatic configuration is not enabled. The two next-to-least significant bits are used to read
the identification data of a plug-and-play IR interface adapter.
I/O Offset
04h
Type
R/W
Reset Value
xxh
IRCFG1 Register Map
76
54
32
10
STRV_MS
RSVD
SET_RTX
IRRX1_LV
RSVD
IRIC[2:0]
IRCFG1 Bit Descriptions
Bit
Name
Description
7STRV_MS
Special Transceiver Mode Selection. When this R/W bit is set to 1, the UART[x]_IR_TX
output signal is forced to active high and a timer is started. The timer times out after 64
micro-seconds, at which time the bit is reset and the UART[x]_IR_TX output signal
becomes low again. The timer is restarted every time a 1 is written to this bit. Although it
is possible to extend the period during which UART[x]_IR_TX remains high beyond 64
micro-seconds, this should be avoided to prevent damage to the transmitter LED. Writing
a 0 to this bit has no effect.
6
RSVD
Reserved. Write as 0.
5
SET_IRTX
Set IRTX. When this bit is set to 1, it forces the UART[x]_IR_TX signal high.
Caution: Indefinite HIGH output should be avoided as this condition can damage the
transmitter LED.
4
IRRX1_LV
IRRX1 Level (Read Only). This bit reflects the value of the UART[x]_IR_RX input signal.
3
RSVD
Reserved. Write as 0.
2:0
IRIC[2:0]
Transceiver Identification and Control Bits 2 through 0. The function of IRIC0
depends on whether the UART[x]_IRSL0/IRRX2 signal is programmed as an input or an
output. If programmed as an input (IRSL0_DS = 0, bit 5 of IRCFG4) then upon a read,
this bit returns the logic level of the signal. Data written to this bit position is ignored. The
other two signals (IRSL1, IRSL2) must be programmed as outputs only (IRSL21_DS = 1,
bit 3 of IRCFG4).
If the UART[x]_IRSL0/IRRX2 signal is programmed as an output, IRIC[2:0] drives the
IRSL[2:0] signals to select the operation mode of an infrared dongle. (These bits are
reflected in bits [4:2] of MSR_UART[x]_DONG). When read, these bits return the values
previously written.
Below is the operation mode encoding for non-serial transceivers.
00x: IrDA-data modes.
010: Reserved.
011: 36 kHz consumer IR.
100: 40 kHz consumer IR.
101: 38 kHz consumer IR
110: Reserved.
111: 56.9 kHz consumer IR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com