Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 402 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 402 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 398Page - National Semiconductor (TI) CS5535 Datasheet HTML 399Page - National Semiconductor (TI) CS5535 Datasheet HTML 400Page - National Semiconductor (TI) CS5535 Datasheet HTML 401Page - National Semiconductor (TI) CS5535 Datasheet HTML 402Page - National Semiconductor (TI) CS5535 Datasheet HTML 403Page - National Semiconductor (TI) CS5535 Datasheet HTML 404Page - National Semiconductor (TI) CS5535 Datasheet HTML 405Page - National Semiconductor (TI) CS5535 Datasheet HTML 406Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 555 page
background image
www.national.com
402
Revision 0.8
DMA Register Descriptions (Continued)
0D6h
WO
8
Master DMA Channel [7:4] Mode
(DMA_CH7:4_MODE)
xxh
Page 413
0D8h
WO
8
Master DMA Channel [7:4] Clear Byte Pointer
(DMA_CH7:4_CLR_PNTR)
xxh
Page 413
0DAh
WO
8
Master DMA Channel [7:4] Master Clear
(DMA_CH7:4_MSTR_CLR)
xxh
Page 414
0DCh
WO
8
Master DMA Channel [7:4] Clear Mask
(DMA_CH7:4_CLR_MSK)
xxh
Page 414
0DEh
WO
8
Master DMA Channel [7:4] Write Mask
(DMA_CH7:4_WR_MSK)
0Fh
Page 414
080h
R/W
8
Post Code Display Register (POST_DISPLAY)
00h
Page 415
081h
R/W
8
DMA Channel 2 Low Page
(DMA_CH2_LO_PAGE)
00h
Page 415
082h
R/W
8
DMA Channel 3 Low Page
(DMA_CH3_LO_PAGE)
00h
Page 415
083h
R/W
8
DMA Channel 1 Low Page
(DMA_CH1_LO_PAGE)
00h
Page 415
087h
R/W
8
DMA Channel 0 Low Page
(DMA_CH0_LO_PAGE)
00h
Page 415
089h
R/W
8
DMA Channel 6 Low Page
(DMA_CH6_LO_PAGE)
00h
Page 416
08Ah
R/W
8
DMA Channel 7 Low Page
(DMA_CH7_LO_PAGE)
00h
Page 416
08Bh
R/W
8
DMA Channel 5 Low Page
(DMA_CH5_LO_PAGE)
00h
Page 416
08Fh
R/W
8
DMA Channel 4 Low Page
(DMA_CH4_LO_PAGE)
00h
Page 416
481h
R/W
8
DMA Channel 2 High Page
(DMA_CH2_HI_PAGE)
00h
Page 417
482h
R/W
8
DMA Channel 3 High Page
(DMA_CH3_HI_PAGE)
00h
Page 417
483h
R/W
8
DMA Channel 1 High Page
(DMA_CH1_HI_PAGE)
00h
Page 417
487h
R/W
8
DMA Channel 0 High Page
(DMA_CH0_HI_PAGE)
00h
Page 417
489h
R/W
8
DMA Channel 6 High Page
(DMA_CH6_HI_PAGE)
00h
Page 417
48Ah
R/W
8
DMA Channel 7 High Page
(DMA_CH7_HI_PAGE)
00h
Page 417
48Bh
R/W
8
DMA Channel 5 High Page
(DMA_CH5_HI_PAGE)
00h
Page 417
48Fh
R/W
8
DMA Channel 4 High Page
(DMA_CH4_HI_PAGE)
00h
Page 417
Table 5-53. DMA Native Registers Summary (Continued)
I/O Address
Type
Width
(Bits)
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com