Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 401 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 401 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 397Page - National Semiconductor (TI) CS5535 Datasheet HTML 398Page - National Semiconductor (TI) CS5535 Datasheet HTML 399Page - National Semiconductor (TI) CS5535 Datasheet HTML 400Page - National Semiconductor (TI) CS5535 Datasheet HTML 401Page - National Semiconductor (TI) CS5535 Datasheet HTML 402Page - National Semiconductor (TI) CS5535 Datasheet HTML 403Page - National Semiconductor (TI) CS5535 Datasheet HTML 404Page - National Semiconductor (TI) CS5535 Datasheet HTML 405Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 555 page
background image
Revision 0.8
401
www.national.com
DMA Register Descriptions (Continued)
006h
R/W
8
Slave DMA Channel 3 Memory Address
(DMA_CH3_ADDR_BYTE)
xxh
Page 405
007h
R/W
8
Slave DMA Channel 3 Transfer Count
(DMA_CH3_CNT_BYTE)
xxh
Page 406
008h
R
8
Slave DMA Channel [3:0] Status
(DMA_CH3:0_STS)
00h
Page 406
W
8
Slave DMA Channel [3:0] Command
(DMA_CH3:0_CMD)
xxh
Page 407
009h
WO
8
Slave DMA Channel [3:0] Software Request
(DMA_CH3:0_SFT_REQ)
xxh
Page 407
00Ah
WO
8
Slave DMA Channel [3:0] Channel Mask
(DMA_CH3:0_CHMSK)
xxh
Page 407
00Bh
WO
8
Slave DMA Channel [3:0] Mode
(DMA_CH3:0_MODE)
xxh
Page 408
00Ch
WO
8
Slave DMA Channel [3:0] Clear Byte Pointer
(DMA_CH3:0_CLR_PNTR)
xxh
Page 408
00Dh
WO
8
Slave DMA Channel [3:0] Master Clear
(DMA_CH3:0_MSTR_CLR)
xxh
Page 409
00Eh
WO
8
Slave DMA Channel [3:0] Clear Mask Register
(DMA_CH3:0_CLR_MSK)
xxh
Page 409
00Fh
WO
8
Slave DMA Channel [3:0] Write Mask Register
(DMA_CH3:0_WR_MSK)
0Fh
Page 409
0C0h
R/W
8
Master DMA Channel 4 Memory Address
(DMA_CH4_ADDR_BYTE)
xxh
Page 410
0C2h
R/W
8
Master DMA Channel 4 Transfer Count
(DMA_CH4_CNT_BYTE)
xxh
Page 410
0C4h
R/W
8
Master DMA Channel 5 Memory Address
(DMA_CH5_ADDR_BYTE)
xxh
Page 410
0C6h
R/W
8
Master DMA Channel 5 Transfer Count
(DMA_CH5_CNT_BYTE)
xxh
Page 410
0C8h
R/W
8
Master DMA Channel 6 Memory Address
(DMA_CH6_ADDR_BYTE)
xxh
Page 410
0CAh
R/W
8
Master DMA Channel 6 Transfer Count
(DMA_CH6_CNT_BYTE)
xxh
Page 410
0CCh
R/W
8
Master DMA Channel 7 Memory Address
(DMA_CH7_ADDR_BYTE)
xxh
Page 410
0CEh
R/W
8
Master DMA Channel 7 Transfer Count
(DMA_CH7_CNT_BYTE)
xxh
Page 410
0D0h
R
8
Master DMA Channel [7:4] Status
(DMA_CH7:4_STS)
00h
Page 411
W
8
Master DMA Channel [7:4] Command
(DMA_CH7:4_CMD)
xxh
Page 411
0D2h
WO
8
Master DMA Channel [7:4] Software Request
(DMA_CH7:4_SFT_REQ)
xxh
Page 412
0D4h
WO
8
Master DMA Channel [7:4] Channel Mask
(DMA_CH7:4_CHMSK)
xxh
Page 412
Table 5-53. DMA Native Registers Summary (Continued)
I/O Address
Type
Width
(Bits)
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com