Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 405 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 405 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 401Page - National Semiconductor (TI) CS5535 Datasheet HTML 402Page - National Semiconductor (TI) CS5535 Datasheet HTML 403Page - National Semiconductor (TI) CS5535 Datasheet HTML 404Page - National Semiconductor (TI) CS5535 Datasheet HTML 405Page - National Semiconductor (TI) CS5535 Datasheet HTML 406Page - National Semiconductor (TI) CS5535 Datasheet HTML 407Page - National Semiconductor (TI) CS5535 Datasheet HTML 408Page - National Semiconductor (TI) CS5535 Datasheet HTML 409Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 555 page
background image
Revision 0.8
405
www.national.com
DMA Register Descriptions (Continued)
5.13.1.3
DMA Shadow Mask (DMA_MSK_SHDW)
5.13.2 DMA Native Registers
5.13.2.1
These registers reside in the I/O address space.Slave DMA Channel [3:0] Memory Address
(DMA_CH[x]_ADDR_BYTE)
Slave DMA Channel 0 Memory Address
(DMA_CH0_ADDR_BYTE)
Slave DMA Channel 1 Memory Address
(DMA_CH1_ADDR_BYTE)
Slave DMA Channel 2 Memory Address
(DMA_CH2_ADDR_BYTE)
Slave DMA Channel 3 Memory Address
(DMA_CH3_ADDR_BYTE)
MSR Address
51400049h
Type
RO
Reset Value
00FFh
DMA__MSK_SHDW Register Map
15
14
13
12
11
10
987
6543
210
RSVD
CH7
MASK
CH6
MASK
CH5
MASK
CH4
MASK
CH3
MASK
CH2
MASK
CH1
MASK
CH0
MASK
DMA__MSK_SHDW Bit Descriptions
Bit
Name
Description
15:8
Reserved
Reserved. Reads as 00h.
7
CH7MASK
Channel 7 Mask Reflects value of Channel 7 Mask bit. 0: Not masked; 1: Masked.
6
CH6MASK
Channel 6 Mask. Reflects value of Channel 6 Mask bit. 0: Not masked; 1: Masked.
5
CH5MASK
Channel 5 Mask. Reflects value of Channel 5 Mask bit. 0: Not masked; 1: Masked.
4
CH4MASK
Channel 4 Mask. Reflects value of Channel 4 Mask bit. 0: Not masked; 1: Masked.
3
CH3MASK
Channel 3 Mask. Reflects value of Channel 3 Mask bit. 0: Not masked; 1: Masked.
2
CH2MASK
Channel 2 Mask. Reflects value of Channel 2 Mask bit. 0: Not masked; 1: Masked.
1
CH1MASK
Channel 1 Mask. Reflects value of Channel 1 Mask bit. 0: Not masked; 1: Masked.
0
CH0MASK
Channel 0 Mask. Reflects value of Channel 0 Mask bit. 0: Not masked; 1: Masked.
I/O Address
000h
Type
R/W
Reset Value
xxh
I/O Address
002h
Type
R/W
Reset Value
xxh
I/O Address
004h
Type
R/W
Reset Value
xxh
I/O Address
006h
Type
R/W
Reset Value
xxh
DMA_CH[x]_ADDR_BYTE Register Map
76543
210
DMA_CH_ADDR_BYTE
DMA_CH[x]_ADDR_BYTE Bit Descriptions
Bit
Name
Description
7:0
DMA_CH_ADDR_BYTE
DMA Channel Address. Read/write in two successive bus cycles, low byte first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com