Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 430 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 430 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 426Page - National Semiconductor (TI) CS5535 Datasheet HTML 427Page - National Semiconductor (TI) CS5535 Datasheet HTML 428Page - National Semiconductor (TI) CS5535 Datasheet HTML 429Page - National Semiconductor (TI) CS5535 Datasheet HTML 430Page - National Semiconductor (TI) CS5535 Datasheet HTML 431Page - National Semiconductor (TI) CS5535 Datasheet HTML 432Page - National Semiconductor (TI) CS5535 Datasheet HTML 433Page - National Semiconductor (TI) CS5535 Datasheet HTML 434Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 555 page
background image
www.national.com
430
Revision 0.8
RTC Register Descriptions (Continued)
5.15.2.15 Date of Month Alarm (RTC_DOMA)
5.15.2.16 Month Alarm (RTC_MONA)
RTC_CRD Bit Descriptions
Bit
Name
Description
7VRT (RO)
Valid RAM and Time (Read Only). This bit senses the voltage that feeds the RTC
(VSB or VBAT) and indicates whether or not it was too low since the last time this bit
was read. If it was too low, the RTC contents (time/calendar registers and CMOS RAM)
is not valid. It is clear on VPP power-up.
0: The voltage that feeds the RTC was too low.
1: RTC contents (time/calendar registers and CMOS RAM) valid.
6:0
RSVD (RO)
Reserved (Read Only). Reads as 0.
I/O Address
Programmable
Type
R/W
Reset Value
00h
RTC_DOMA Register Map
76543
210
DOMA_DATA
RTC_DOMA Bit Descriptions
Bit
Name
Description
7:0
DOMA_DATA
Date of Month Alarm Data. Values may be 01 to 31 in BCD format or 01 to 1F in
binary format. When bits 7 and 6 are both set to one, an unconditional match is
selected (default). Reset by VPP power-up.
I/O Address
Programmable
Type
R/W
Reset Value
00h
RTC_MONA Register Map
76543
210
MONA_DATA
RTC_MONA Bit Descriptions
Bit
Name
Description
7:0
MONA_DATA
Month Alarm Data. Values may be 01 to 12 in BCD format or 01 to 0C in binary format.
When bits 7 and 6 are both set to one, an unconditional match is selected (default).
Reset by VPP power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com