Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 428 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 428 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 424Page - National Semiconductor (TI) CS5535 Datasheet HTML 425Page - National Semiconductor (TI) CS5535 Datasheet HTML 426Page - National Semiconductor (TI) CS5535 Datasheet HTML 427Page - National Semiconductor (TI) CS5535 Datasheet HTML 428Page - National Semiconductor (TI) CS5535 Datasheet HTML 429Page - National Semiconductor (TI) CS5535 Datasheet HTML 430Page - National Semiconductor (TI) CS5535 Datasheet HTML 431Page - National Semiconductor (TI) CS5535 Datasheet HTML 432Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 555 page
background image
www.national.com
428
Revision 0.8
RTC Register Descriptions (Continued)
5.15.2.12 RTC Control Register B (RTC_CRB)
I/O Address
0Bh
Type
R/W
Reset Value
00h
RTC_CRB Register Map
76543
210
SET_MODE
PI_EN
AI_EN
UEI_EN
RSVD
DATA_MODE
HR_MODE
DAY_SAVE
RTC_CRB Bit Descriptions
Bit
Name
Description
7
SET_MODE
Set Mode. This bit is reset at VPP power-up reset only.
0: Timing updates occur normally
1: User copy of time is “frozen”, allowing the time registers to be accessed whether or
not an update occurs.
6PI_EN
Periodic Interrupts Enable. Bits [3:0] of RTC_CRA (PIR_SEL) determine the rate at
which this interrupt is generated. It is cleared to 0 on an RTC reset (i.e., hardware
reset) or when the RTC is disable.
0: Disable.
1: Enable.
5AI_EN
Alarm Interrupt Enable. This interrupt is generated immediately after a time update in
which the seconds, minutes, hours, date and month time equal their respective alarm
counterparts. It is cleared to 0 as long as bit 7 of RTC_CRD (VRT bit) reads 0.
0: Disable.
1: Enable.
4UEI_EN
Update Ended Interrupts Enable. This interrupt is generated when an update occurs.
It is cleared to 0 on an RTC reset (i.e., hardware reset) or when the RTC is disabled.
0: Disable.
1: Enable.
3
RSVD
Reserved. This bit is defined as “Square Wave Enable” by the MC146818 and is not
supported by the RTC. This bit is always read as 0.
2DATA_MODE
Data Mode. Selects data mode. This bit is reset at VPP power-up reset only.
0: BCD format.
1: Binary format.
1
HR_MODE
Hour Mode. Selects hour mode. This bit is reset at VPP power-up reset only.
0: 12-hour format.
1: 24-hour format.
0DAY_SAVE
Daylight Saving. Enables/disables daylight savings mode. This bit is reset at VPP
power-up reset only.
0: Disable.
1: Enable.
In the spring, time advances from 1:59:59 AM to 3:00:00 AM on the first Sunday in
April.
In the fall, time returns from 1:59:59 AM to 1:00:00 AM on the last Sunday in October.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com