Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 424 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 424 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 420Page - National Semiconductor (TI) CS5535 Datasheet HTML 421Page - National Semiconductor (TI) CS5535 Datasheet HTML 422Page - National Semiconductor (TI) CS5535 Datasheet HTML 423Page - National Semiconductor (TI) CS5535 Datasheet HTML 424Page - National Semiconductor (TI) CS5535 Datasheet HTML 425Page - National Semiconductor (TI) CS5535 Datasheet HTML 426Page - National Semiconductor (TI) CS5535 Datasheet HTML 427Page - National Semiconductor (TI) CS5535 Datasheet HTML 428Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 555 page
background image
www.national.com
424
Revision 0.8
RTC Register Descriptions (Continued)
5.15.2 RTC Native Registers
5.15.2.1
Seconds (RTC_SEC)
5.15.2.2
Seconds Alarm (RTC_SECA)
5.15.2.3
Minutes (RTC_MIN)
I/O Address
00h
Type
R/W
Reset Value
00h
RTC_SEC Register Map
76543
210
SEC_DATA
RTC_SEC Bit Descriptions
Bit
Name
Description
7:0
SEC_DATA
Seconds Data. Values may be 00 to 59 in BCD format or 00 to 3B in binary format.
Reset by VPP power-up.
I/O Address
01h
Type
R/W
Reset Value
00h
RTC_SECA Register Map
76543
210
SECA_DATA
RTC_SECA Bit Descriptions
Bit
Name
Description
7:0
SECA_DATA
Seconds Alarm Data. Values may be 00 to 59 in BCD format or 00 to 3B in binary for-
mat. When bits 7 and 6 are both set to one, an unconditional match is selected. Reset
by VPP power-up.
I/O Address
02h
Type
R/W
Reset Value
00h
RTC_MIN Register Map
76543
210
MIN_DATA
RTC_MIN Bit Descriptions
Bit
Name
Description
7:0
MIN_DATA
Minutes Data. Values may be 00 to 59 in BCD format or 00 to 3B in binary format.
Reset by VPP power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com