Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 423 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 423 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 419Page - National Semiconductor (TI) CS5535 Datasheet HTML 420Page - National Semiconductor (TI) CS5535 Datasheet HTML 421Page - National Semiconductor (TI) CS5535 Datasheet HTML 422Page - National Semiconductor (TI) CS5535 Datasheet HTML 423Page - National Semiconductor (TI) CS5535 Datasheet HTML 424Page - National Semiconductor (TI) CS5535 Datasheet HTML 425Page - National Semiconductor (TI) CS5535 Datasheet HTML 426Page - National Semiconductor (TI) CS5535 Datasheet HTML 427Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 555 page
background image
Revision 0.8
423
www.national.com
RTC Register Descriptions (Continued)
5.15.1.3
RTC Month Alarm Offset (RTC_MONA_OFFSET)
5.15.1.4
RTC Century Offset (RTC_CEN_OFFSET)
RTC_DOMA_OFFSET Bit Descriptions
Bit
Name
Description
7
RSVD
Reserved. Write as 0.
6:0
DOMA_OFST
Date of Month Alarm Register Offset Value. This register sets the location in RAM
space of the Date Of Month Alarm register. This register must be programmed after a
hardware reset, otherwise the Day Of Month Alarm register will be on top of other RAM
data. It is programmed as an offset from 0. Reset to 00h by hardware reset.
MSR Address
51400056h
Type
R/W
Reset Value
00h
RTC_MONA_OFFSET Register Map
76543
210
RSVD
MONA_OFST
RTC_MONA_OFFSET Bit Descriptions
Bit
Name
Description
7
RSVD
Reserved. Write as 0.
6:0
MONA_OFST
Month Alarm Register Offset Value. This register sets the location in RAM space of
the Month Alarm register. This register must be programmed after a hardware reset,
otherwise the Month Alarm register will be on top of other RAM data. It is programmed
as an offset from 0. Reset to 00h by hardware reset.
MSR Address
51400057h
Type
R/W
Reset Value
00h
RTC_CEN_OFFSET Register Map
76543
210
RSVD
CEN_OFST
RTC_CEN_OFFSET Bit Descriptions
Bit
Name
Description
7
RSVD
Reserved. Write as 0.
6:0
CEN_OSFT
Century Register Offset Value. This register sets the location in RAM space of the
Century register. This register must be programmed after a hardware reset, otherwise
the Century register will be on top of other RAM data. It is programmed as an offset
from 0. Reset to 00h by hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com