Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 419 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 419 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 415Page - National Semiconductor (TI) CS5535 Datasheet HTML 416Page - National Semiconductor (TI) CS5535 Datasheet HTML 417Page - National Semiconductor (TI) CS5535 Datasheet HTML 418Page - National Semiconductor (TI) CS5535 Datasheet HTML 419Page - National Semiconductor (TI) CS5535 Datasheet HTML 420Page - National Semiconductor (TI) CS5535 Datasheet HTML 421Page - National Semiconductor (TI) CS5535 Datasheet HTML 422Page - National Semiconductor (TI) CS5535 Datasheet HTML 423Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 555 page
background image
Revision 0.8
419
www.national.com
LPC Port Register Descriptions (Continued)
5.14.1 LPC Specific MSRs
The LPC Controller uses the MSR_LPC_EADDR and MSR_LPC_ESTAT to record the indicated information associated
with any given LPC bus error. The recorded information can not be cleared or modified. Simultaneous with this recording,
an error event is sent to the DIVIL GLD_MSR_ERROR (MSR 51400003h). If enabled at the DIVIL GLD_MSR_ERROR, any
LPC error event is recorded with a flag. This flag can be cleared. The status of this flag should be used to determine if there
is an outstanding error associated with the two MSRs below.
5.14.1.1
LPC Address Error (LPC_EADDR)
5.14.1.2
LPC Error Status (LPC_ESTAT)
MSR Address
5140004Ch
Type
RO
Reset Value
00000000h
LPC_EADDR Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
LPC_ERR_ADDR
LPC_EADDR Bit Descriptions
Bit
Name
Description
31:0
LPC_ERR_ADDR
LPC Error Address. When an error occurs, this register captures the associated 32-bit
address.
MSR Address
5140004Dh
Type
RO
Reset Value
00000000h
LPC_ESTAT Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
ESTAT Bit Descriptions
Bit
Name
Description
31:4
RSVD
Reserved. Reads as 0.
3TIMEOUT
Timeout. If set, indicates an LPC error was caused by a timeout.
2DMA
DMA. If set, indicates an LPC error occurred during a DMA transaction.
1WRITE
Write. If set, indicates an LPC error occurred during an LPC write transaction.
0MEMORY
Memory. If set, indicates an LPC error occurred during an LPC memory transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com