Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 421 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 421 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 417Page - National Semiconductor (TI) CS5535 Datasheet HTML 418Page - National Semiconductor (TI) CS5535 Datasheet HTML 419Page - National Semiconductor (TI) CS5535 Datasheet HTML 420Page - National Semiconductor (TI) CS5535 Datasheet HTML 421Page - National Semiconductor (TI) CS5535 Datasheet HTML 422Page - National Semiconductor (TI) CS5535 Datasheet HTML 423Page - National Semiconductor (TI) CS5535 Datasheet HTML 424Page - National Semiconductor (TI) CS5535 Datasheet HTML 425Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 555 page
background image
Revision 0.8
421
www.national.com
5.15 REAL-TIME CLOCK REGISTER DESCRIPTIONS
The registers for the Real-Time Clock (RTC) are divided
into three sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• RTC Specific MSRs
• RTC Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the RTC Specific MSRs
(summarized in Table 5-55) are called out as 8 bits. The
RTC module treats writes to the upper 56 bits (i.e., bits
[63:8]) of the 64-bit MSRs as don’t cares and always
returns 0 on these bits.
The Native registers associated with the RTC module are
summarized in Table 5-56 and are accessed as I/O
Addresses.
The reference column in the summary tables point to the
page where the register maps and bit descriptions are
listed.
Table 5-55. RTC Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
51400054h
R/W
RTC RAM Lock (RTC_RAM_LOCK)
00h
Page 422
51400055h
R/W
RTC Date of Month Alarm Offset
(RTC_DOMA_OFFSET)
00h
Page 422
51400056h
R/W
RTC Month Alarm Offset (RTC_MONA_OFFSET)
00h
Page 423
51400057h
R/W
RTC Century Offset (RTC_CEN_OFFSET)
00h
Page 423
Table 5-56. RTC Native Registers Summary
I/O Address
Type
Width
(Bits)
Register Name
Reset Value
Reference
00h
R/W
8
Seconds (RTC_SEC)
00h
Page 424
01h
R/W
8
Seconds Alarm (RTC_SECA)
00h
Page 424
02h
R/W
8
Minutes (RTC_MIN)
00h
Page 424
03h
R/W
8
Minutes Alarm (RTC_MINA)
00h
Page 425
04h
R/W
8
Hours (RTC_HR)
00h
Page 425
05h
R/W
8
Hours Alarm
00h
Page 425
06h
R/W
8
Day of Week (RTC_DOW)
00h
Page 426
07h
R/W
8
Day of Month (RTC_DOM)
00h
Page 426
08h
R/W
8
Month (RTC_MONTH)
00h
Page 426
09h
R/W
8
Year (RTC_YEAR)
00h
Page 427
0Ah
R/W
8
RTC Control Register A (RTC_CRA)
20h
Page 427
0Bh
R/W
8
RTC Control Register B (RTC_CRB)
00h
Page 428
0Ch
RO
8
RTC Control Register C (RTC_CRC)
00h
Page 429
0Dh
RO
8
RTC Control Register D (RTC_CRD)
00h
Page 429
Programmable
(Note 1)
Note 1. Register location is programmable (through the MSR registers) and overlay onto the lower RAM space.
R/W
8
Date of Month Alarm (RTC_DOMA)
00h
Page 430
Programmable
(Note 1)
R/W
8
Month Alarm (RTC_MONA)
00h
Page 430
Programmable
(Note 1)
R/W
8
Century (RTC_CEN)
00h
Page 431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com