Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 425 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 425 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 421Page - National Semiconductor (TI) CS5535 Datasheet HTML 422Page - National Semiconductor (TI) CS5535 Datasheet HTML 423Page - National Semiconductor (TI) CS5535 Datasheet HTML 424Page - National Semiconductor (TI) CS5535 Datasheet HTML 425Page - National Semiconductor (TI) CS5535 Datasheet HTML 426Page - National Semiconductor (TI) CS5535 Datasheet HTML 427Page - National Semiconductor (TI) CS5535 Datasheet HTML 428Page - National Semiconductor (TI) CS5535 Datasheet HTML 429Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 555 page
background image
Revision 0.8
425
www.national.com
RTC Register Descriptions (Continued)
5.15.2.4
Minutes Alarm (RTC_MINA)
5.15.2.5
Hours (RTC_HR)
5.15.2.6
Hours Alarm
I/O Address
03h
Type
R/W
Reset Value
00h
RTC_MINA Register Map
76543
210
MINA_DATA
RTC_MINA Bit Descriptions
Bit
Name
Description
7:0
MINA_DATA
Minutes Alarm Data. Values may be 00 to 59 in BCD format or 00 to 3B in binary for-
mat. When bits 7 and 6 are both set to one, an unconditional match is selected. Reset
by VPP power-up.
I/O Address
04h
Type
R/W
Reset Value
00h
RTC_HR Register Map
76543
210
HR_DATA
RTC_HR Bit Descriptions
Bit
Name
Description
7:0
HR_DATA
Hours Data. For 12-hour mode, values can be 01 to 12 (AM) and 81 to 92 (PM) in BCD
format, or 01 to 0C (AM) and 81 to 8C (PM) in binary format. For 24-hour mode, values
can be 0 to 23 in BCD format or 00 to 17 in binary format. Reset by VPP power-up.
I/O Address
05h
Type
R/W
Reset Value
00h
RTC_HRA Register Map
76543
210
HRA_DATA
RTC_HRA Bit Descriptions
Bit
Name
Description
7:0
HRA_DATA
Hours Alarm Data. For 12-hour mode, values can be 01 to 12 (AM) and 81 to 92 (PM)
in BCD format, or 01 to 0C (AM) and 81 to 8C (PM) in binary format. For 24-hour mode,
values can be 0 to 23 in BCD format or 00 to 17 in binary format. When bits 7 and 6 are
both set to one, unconditional match is selected. Reset by VPP power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com