Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 422 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 422 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 418Page - National Semiconductor (TI) CS5535 Datasheet HTML 419Page - National Semiconductor (TI) CS5535 Datasheet HTML 420Page - National Semiconductor (TI) CS5535 Datasheet HTML 421Page - National Semiconductor (TI) CS5535 Datasheet HTML 422Page - National Semiconductor (TI) CS5535 Datasheet HTML 423Page - National Semiconductor (TI) CS5535 Datasheet HTML 424Page - National Semiconductor (TI) CS5535 Datasheet HTML 425Page - National Semiconductor (TI) CS5535 Datasheet HTML 426Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 555 page
background image
www.national.com
422
Revision 0.8
RTC Register Descriptions (Continued)
5.15.1 RTC Specific MSRs
5.15.1.1
RTC RAM Lock (RTC_RAM_LOCK)
When a non-reserved bit is set to 1, it can only be cleared by hardware reset.
5.15.1.2
RTC Date of Month Alarm Offset (RTC_DOMA_OFFSET)
MSR Address
51400054h
Type
R/W
Reset Value
00h
RTC_RAM_LOCK Register Map
76543
210
BLK_STDRAM BLK_RAM_WR BLK_XRAM_WR BLK_XRAM_RD
BLK_XRAM
RSVD
RTC_RAM_LOCK Bit Descriptions
Bit
Name
Description
7
BLK_STDRAM
Block Standard RAM.
0: No effect on Standard RAM access (default).
1: Read and write to locations 38h-3Fh of the Standard RAM are blocked, writes
ignored, and reads return FFh.
6
BLK_RAM_WR
Block RAM Write.
0: No effect on RAM access (default).
1: Write to RAM (Standard and Extended) are ignored.
5
BLK_XRAM_WR
Block Extended RAM Write. This bit controls write to bytes 00h-1Fh of the Extended
RAM.
0: No effect on Extended RAM access (default).
1: Writes to byte 00h-1Fh of the Extended RAM are ignored.
4
BLK_XRAM_RD
Block Extended RAM Read. This bit controls read from bytes 00h-1Fh of the
Extended RAM.
0: No effect on Extended RAM access (default).
1: Reads from byte 00h-1Fh of the Extended RAM are ignored.
3
BLK_XRAM
Block Extended RAM. This bit controls access to the Extended RAM 128 bytes.
0: No effect on Extended RAM access (default).
1: Read and write to the Extended RAM are blocked; writes are ignored and reads
return FFh.
2:0
RSVD
Reserved. Write as 0.
MSR Address
51400055h
Type
R/W
Reset Value
00h
RTC_DOMA_OFFSET Register Map
76543
210
RSVD
DOMA_OFST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com