Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 418 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 418 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 414Page - National Semiconductor (TI) CS5535 Datasheet HTML 415Page - National Semiconductor (TI) CS5535 Datasheet HTML 416Page - National Semiconductor (TI) CS5535 Datasheet HTML 417Page - National Semiconductor (TI) CS5535 Datasheet HTML 418Page - National Semiconductor (TI) CS5535 Datasheet HTML 419Page - National Semiconductor (TI) CS5535 Datasheet HTML 420Page - National Semiconductor (TI) CS5535 Datasheet HTML 421Page - National Semiconductor (TI) CS5535 Datasheet HTML 422Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 555 page
background image
www.national.com
418
Revision 0.8
5.14 LOW PIN COUNT REGISTER DESCRIPTIONS
The registers for the Low Pin Count (LPC) port are divided
into two sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• LPC Specific MSRs
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the LPC Specific MSRs are
called out as 32 bits. The LPC module treats writes to the
upper 32 bits (i.e., bits [63:32]) of the 64-bit MSRs as don’t
cares and always returns 0 on these bits.
The LPC Specific MSRs are summarized in Table 5-54.
The reference column in the summary table points to the
page where the register maps and bit descriptions are
listed.
Table 5-54. LPC Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
5140004Ch
RO
LPC Address Error (LPC_EADDR)
00000000h
Page 419
5140004Dh
RO
LPC Error Status (LPC_ESTAT)
00000000h
Page 419
5140004Eh
R/W
LPC Serial IRQ Control (LPC_SIRQ)
00000000h
Page 419
5140004Fh
R/W
LPC Reserved (LPC_RSVD)
00000000h
Page 419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com