Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 415 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 415 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 411Page - National Semiconductor (TI) CS5535 Datasheet HTML 412Page - National Semiconductor (TI) CS5535 Datasheet HTML 413Page - National Semiconductor (TI) CS5535 Datasheet HTML 414Page - National Semiconductor (TI) CS5535 Datasheet HTML 415Page - National Semiconductor (TI) CS5535 Datasheet HTML 416Page - National Semiconductor (TI) CS5535 Datasheet HTML 417Page - National Semiconductor (TI) CS5535 Datasheet HTML 418Page - National Semiconductor (TI) CS5535 Datasheet HTML 419Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 555 page
background image
Revision 0.8
415
www.national.com
DMA Register Descriptions (Continued)
5.13.2.21 Post Code Display Register (POST_DISPLAY)
.
5.13.2.22 DMA Channel [3:0] Low Page (DMA_CH[x]_LO_PAGE)
DMA Channel 2 Low Page (DMA_CH2_LO_PAGE)
DMA Channel 3 Low Page (DMA_CH3_LO_PAGE)
DMA Channel 1 Low Page (DMA_CH1_LO_PAGE)
DMA Channel 0 Low Page (DMA_CH0_LO_PAGE)
I/O Address
080h
Type
R/W
Reset Value
00h
POST_DISPLAY Register Map
76543
210
POST_CODE
POST_DISPLAY Bit Descriptions
Bit
Name
Description
7:0
POST_CODE
Post Code Display Value. This register is the historical Port 80 that receives the POST
(Power-On Self-Test) codes reported during initialization. Typically used by the BIOS,
Port 80 may also be written to by any piece of executing software to provide status or
other information. The most recent value written to Port 80 is recorded in this register.
I/O Address
081h
Type
R/W
Reset Value
00h
I/O Address
082h
Type
R/W
Reset Value
00h
I/O Address
083h
Type
R/W
Reset Value
00h
I/O Address Offset
087h
Type
R/W
Reset Value
00h
DMA_CH[x]_LO_PAGE Register Map
76543
210
DMA_CH_LO_PAGE
DMA_CH[x]_LO_PAGE Bit Descriptions
Bit
Name
Description
7:0
DMA_CH_LO_PAGE
DMA Channel Low Page Value. Address bits [23:16].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com