Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 420 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 420 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 416Page - National Semiconductor (TI) CS5535 Datasheet HTML 417Page - National Semiconductor (TI) CS5535 Datasheet HTML 418Page - National Semiconductor (TI) CS5535 Datasheet HTML 419Page - National Semiconductor (TI) CS5535 Datasheet HTML 420Page - National Semiconductor (TI) CS5535 Datasheet HTML 421Page - National Semiconductor (TI) CS5535 Datasheet HTML 422Page - National Semiconductor (TI) CS5535 Datasheet HTML 423Page - National Semiconductor (TI) CS5535 Datasheet HTML 424Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 555 page
background image
www.national.com
420
Revision 0.8
LPC Port Register Descriptions (Continued)
5.14.1.3
LPC Serial IRQ Control (LPC_SIRQ)
5.14.1.4
LPC Reserved (LPC_RSVD)
MSR Address
5140004Eh
Type
R/W
Reset Value
00000000h
LPC_SIRQ Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
INVERT[15:0]
RSVD
IRQ_FRAME
START
_FPW
LPC_SIRQ Bit Descriptions
Bit
Name
Description
31:16
INVERT[15:0]
Invert bits 15 through 0. Each invert[x] bit corresponds to an irq[x] bit. When a given x
bit is 1, the corresponding serial IRQ input is assumed active low. Active low inputs are
inverted and presented internally as active high inputs.
15:8
RSVD
Reserved. Write as 0.
7
SIRQ_EN
Serial IRQ Enable. 0: Disable; 1: Enable
6
SIRQ_MODE
Serial IRQ Interface Mode. 0: Continuous (Idle); 1: Quiet (Active)
5:2
IRQ_FRAME
IRQ Data Frames. Number of frames.
0000: 17.
0100: 21.
1000: 25.
1100: 29.
0001: 18.
0101: 22.
1001: 26 .
1101: 30.
0010: 19.
0110: 23.
1010: 27.
1110: 31.
0011: 20.
0111: 24.
1011: 28.
1111: 32.
1:0
START_FPW
Start Frame Pulse Width. Sets the start frame pulse width, specified by the number of
clocks.
00: 4 clocks.
10: 8 clocks.
01: 6 clocks.
11: Reserved.
MSR Address
5140004Fh
Type
R/W
Reset Value
00000000h
LPC_RSVD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
LPC_RSVD Bit Descriptions
Bit
Name
Description
31:0
RSVD
Reserved. Reads return 0. Writes have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com