Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 445 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 445 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 441Page - National Semiconductor (TI) CS5535 Datasheet HTML 442Page - National Semiconductor (TI) CS5535 Datasheet HTML 443Page - National Semiconductor (TI) CS5535 Datasheet HTML 444Page - National Semiconductor (TI) CS5535 Datasheet HTML 445Page - National Semiconductor (TI) CS5535 Datasheet HTML 446Page - National Semiconductor (TI) CS5535 Datasheet HTML 447Page - National Semiconductor (TI) CS5535 Datasheet HTML 448Page - National Semiconductor (TI) CS5535 Datasheet HTML 449Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 555 page
background image
Revision 0.8
445
www.national.com
GPIO Subsystem Register Descriptions (Continued)
5.16.2.12 GPIO Input Event Count Enable (GPIO[x]_IN_EVNTCNT_EN)
These registers control the enabling of the input event counter function for the low (GPIO[15:0]) and high (GPIO[31:16])
banks of GPIOs. If the feature bit is high, the event counter function is enabled on the input. If the feature bit is low, the
event counter function is disabled on the input. The reset value forces all the filter functions to be disabled. (These registers
use atomic programming, see Section 5.16.1 on page 436 for details.)
When the event counter is enabled, the filter must also be enabled (GPIO I/O Offset 28h/A8h). If no filtering is desired, then
program the GPIO_FILTER[x]_AMOUNT register to 0.
GPIO Low Bank Input Event Count Enable
(GPIOL_IN_EVNTCNT_EN)
GPIO High Bank Input Event Count Enable
(GPIOH_IN_EVNTCNT_EN)
GPIO I/O Offset
2Ch
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
ACh
Type
R/W
Reset Value
FFFF0000h
GPIOL_IN_EVNTCNT_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_IN_EVNTCNT_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com