Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 446 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 446 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 442Page - National Semiconductor (TI) CS5535 Datasheet HTML 443Page - National Semiconductor (TI) CS5535 Datasheet HTML 444Page - National Semiconductor (TI) CS5535 Datasheet HTML 445Page - National Semiconductor (TI) CS5535 Datasheet HTML 446Page - National Semiconductor (TI) CS5535 Datasheet HTML 447Page - National Semiconductor (TI) CS5535 Datasheet HTML 448Page - National Semiconductor (TI) CS5535 Datasheet HTML 449Page - National Semiconductor (TI) CS5535 Datasheet HTML 450Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 555 page
background image
www.national.com
446
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.2.13 GPIO Input Auxiliary 1 Select (GPIO[x]_IN_AUX1_SEL)
Each GPIO has a dedicated internal destination for the conditioned input from the component ball; these inputs are acti-
vated when Auxiliary 1 Input is selected. Table 2-8 "GPIO Options" on page 42 shows all the dedicated destinations. These
registers select the Auxiliary 1 Input of the low (GPIO[15:0]) and high (GPIO[31:16]) banks of GPIOs. Auxiliary 1 Input is
selected as the input if the feature bit is high. Auxiliary 1 is not selected as the input if the feature bit is low. (These registers
use atomic programming, see Section 5.16.1 on page 436 for details.)
GPIO Low Bank Input Auxiliary 1 Select
(GPIOL_IN_AUX1_SEL)
GPIO High Bank Input Auxiliary 1 Select
(GPIOH_IN_AUX1_SEL)
5.16.2.14 GPIO Event Enable (GPIO[x]_EVNT_EN)
These registers control the Event Enable for INT (Interrupt) and PME (Power Management Event) mapping of the low
(GPIO[15:0]) and high (GPIO[31:16]) banks of GPIOs. The GPIO is enabled for mapping if the feature bit is high. The GPIO
is disabled from mapping if the feature bit is low. Actual mapping is performed by the GPIO X, Y, Z, and W mapping regis-
ters, detailed on page 465 through page 462; the Event Enable registers simply enable/disable the associated GPIO for
mapping. (These registers use atomic programming, see Section 5.16.1 on page 436 for details.)
GPIO Low Bank Events Enable (GPIOL_EVNT_EN)
GPIO High Bank Events Enable (GPIOH_EVNT_EN)
GPIO I/O Offset
34h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
B4h
Type
R/W
Reset Value
EFFF1000h
GPIOL_IN_AUX1_SEL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_IN_AUX1_SEL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIO I/O Offset
38h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
B8h
Type
R/W
Reset Value
FFFF0000h
GPIOL_EVNT_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_EVNT_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com