Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 450 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 450 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 446Page - National Semiconductor (TI) CS5535 Datasheet HTML 447Page - National Semiconductor (TI) CS5535 Datasheet HTML 448Page - National Semiconductor (TI) CS5535 Datasheet HTML 449Page - National Semiconductor (TI) CS5535 Datasheet HTML 450Page - National Semiconductor (TI) CS5535 Datasheet HTML 451Page - National Semiconductor (TI) CS5535 Datasheet HTML 452Page - National Semiconductor (TI) CS5535 Datasheet HTML 453Page - National Semiconductor (TI) CS5535 Datasheet HTML 454Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 555 page
background image
www.national.com
450
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.2.19 GPIO Read Back (GPIO[x]_READ_BACK)
The Read Back registers provide the current values of the states of each GPIO as sent to the ball. The
GPIO[x]_READ_BACK registers are not based on the atomic programming model since these are not control registers.
GPIO Low Bank Read Back (GPIOL_READ_BACK)
GPIO I/O Offset
30h
Type
RO
Reset Value
00000000h
GPIOL_READ_BACK Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
GPIOL_READ_BACK Bit Descriptions
Bit
Name
Description
31:16
RSVD
Reserved. Reads back 0.
15
RB_15
GPIO15 Read Back Value. Provides status (1/0) of the associated GPIO ball.
14
RB_14
GPIO14 Read Back Value. Provides status (1/0) of the associated GPIO ball.
13
RB_13
GPIO13 Read Back Value. Provides status (1/0) of the associated GPIO ball.
12
RB_12
GPIO12 Read Back Value. Provides status (1/0) of the associated GPIO ball.
11
RB_11
GPIO11 Read Back Value. Provides status (1/0) of the associated GPIO ball.
10
RB_10
GPIO10 Read Back Value. Provides status (1/0) of the associated GPIO ball.
9RB_9
GPIO9 Read Back Value. Provides status (1/0) of the associated GPIO ball.
8RB_8
GPIO8 Read Back Value. Provides status (1/0) of the associated GPIO ball.
7RB_7
GPIO7 Read Back Value. Provides status (1/0) of the associated GPIO ball.
6RB_6
GPIO6 Read Back Value. Provides status (1/0) of the associated GPIO ball.
5RB_5
GPIO5 Read Back Value. Provides status (1/0) of the associated GPIO ball.
4RB_4
GPIO4 Read Back Value. Provides status (1/0) of the associated GPIO ball.
3RB_3
GPIO3 Read Back Value. Provides status (1/0) of the associated GPIO ball.
2RB_2
GPIO2 Read Back Value. Provides status (1/0) of the associated GPIO ball.
1RB_1
GPIO1 Read Back Value. Provides status (1/0) of the associated GPIO ball.
0RB_0
GPIO0 Read Back Value. Provides status (1/0) of the associated GPIO ball.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com