Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 452 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 452 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 448Page - National Semiconductor (TI) CS5535 Datasheet HTML 449Page - National Semiconductor (TI) CS5535 Datasheet HTML 450Page - National Semiconductor (TI) CS5535 Datasheet HTML 451Page - National Semiconductor (TI) CS5535 Datasheet HTML 452Page - National Semiconductor (TI) CS5535 Datasheet HTML 453Page - National Semiconductor (TI) CS5535 Datasheet HTML 454Page - National Semiconductor (TI) CS5535 Datasheet HTML 455Page - National Semiconductor (TI) CS5535 Datasheet HTML 456Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 555 page
background image
www.national.com
452
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.2.20 GPIO Lock Enable (GPIO[x]_LOCK_EN
These registers lock the values of feature bit registers except the GPIO[x]_READ_BACK, GPIO[x]_IN_POSEDGE_STS,
and GPIO[x]_IN_NEGEDGE_STS registers. When set, the indicated feature bits may not be changed. The
GPIO[x]_LOCK_EN registers are not based on the atomic programming model (i.e., only one bit for control as opposed to
two bits).
GPIO Low Bank Lock Enable (GPIOL_LOCK_EN)
GPIO I/O Offset
3Ch
Type
R/W
Reset Value
00000000h
GPIOL_LOCK_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
GPIOL_LOCK_ENABLE Bit Descriptions
Bit
Name
Description
31:15
RSVD
Reserved. Write to 0.
15
LKNE
Lock GPIOL_IN_NEGEDGE_EN. When set, writing to the GPIO Low Bank Input Neg-
ative Edge Enable register (GPIO I/O Offset 44h) is prevented.
14
LKPE
Lock GPIOL_IN_POSEDGE_EN. When set, writing to the GPIO Low Bank Input Posi-
tive Edge Enable register (GPIO I/O Offset 40h) is prevented.
13
LKIP
Lock GPIOL_EVENTS_EN. When set, writing to the GPIO Low Bank Events Enable
(interrupts &PMEs) register (GPIO I/O Offset 38h) is prevented.
12
LKIA
Lock GPIOL_IN_AUX1_SEL. When set, writing to the GPIO Low Bank Input Auxiliary
1 Select register (GPIO I/O Offset 34h) is prevented.
11
LKEE
Lock GPIOL_IN_EVNTCNT_EN. When set, writing to the GPIO Low Bank Input Event
Count Enable register (GPIO I/O Offset 2Ch) is prevented.
10
LKFE
Lock GPIOL_IN_FLTR_EN. When set, writing to the GPIO Low Bank Input Filter
Enable register (GPIO I/O Offset 28h) is prevented.
9LKII
Lock GPIOL_IN_INVRT_EN. When set, writing to the GPIO Low Bank Input Invert
Enable register (GPIO I/O Offset 24h) is prevented.
8LKIE
Lock GPIOL_IN_EN. When set, writing to the GPIO Low Bank Input Enable register
(GPIO I/O Offset 20h) is prevented.
7
LKPD
Lock GPIOL_PU_EN. When set, writing to the GPIO Low Bank Pull-Down Enable reg-
ister (GPIO I/O Offset 1Ch) is prevented.
6
LKPU
Lock GPIOL_PU_EN. When set, writing to the GPIO Low Bank Pull-Up Enable register
(GPIO I/O Offset 18h) is prevented.
5
LKA2
Lock GPIOL_OUT_AUX2_SEL. When set, writing to the GPIO Low Bank Output Auxil-
iary 2 Select register (GPIO I/O Offset 14h) is prevented.
4
LKA1
Lock GPIOL_OUT_AUX1_SEL. When set, writing to the GPIO Low Bank Output Auxil-
iary 1 Select register (GPIO I/O Offset 10h) is prevented.
3LKOI
Lock GPIOL_OUT_INVRT_EN. When set, writing to the GPIO Low Bank Output Invert
Enable register (GPIO I/O Offset 0Ch) is prevented.
2LKOD
Lock GPIOL_OUT_OD_EN. When set, writing to the GPIO Low Bank Output Open-
Drain Enable register (GPIO I/O Offset 08h) is prevented.
1LKOE
Lock GPIOL_OUT_EN. When set, writing to the GPIO Low Bank Enable register
(GPIO I/O Offset 04h) is prevented.
0LKOV
Lock GPIOL_OUT_VAL. When set, writing to the GPIO Low Bank Output Value regis-
ter (GPIO I/O Offset 00h) is prevented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com