Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 453 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 453 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 449Page - National Semiconductor (TI) CS5535 Datasheet HTML 450Page - National Semiconductor (TI) CS5535 Datasheet HTML 451Page - National Semiconductor (TI) CS5535 Datasheet HTML 452Page - National Semiconductor (TI) CS5535 Datasheet HTML 453Page - National Semiconductor (TI) CS5535 Datasheet HTML 454Page - National Semiconductor (TI) CS5535 Datasheet HTML 455Page - National Semiconductor (TI) CS5535 Datasheet HTML 456Page - National Semiconductor (TI) CS5535 Datasheet HTML 457Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 555 page
background image
Revision 0.8
453
www.national.com
GPIO Subsystem Register Descriptions (Continued)
GPIO High Bank Lock Enable (GPIOH_LOCK_EN)
GPIO I/O Offset
BCh
Type
R/W
Reset Value
00000000h
GPIOH_LOCK_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
GPIOH_LOCK_EN Bit Descriptions
Bit
Name
Description
31:15
RSVD
Reserved. Write to 0.
15
LKNE
Lock GPIOH_IN_NEGEDGE_ENA. When set, writing to the GPIO Low Bank Input
Negative Edge Enable register (GPIO I/O Offset C4h) is prevented.
14
LKPE
Lock GPIOH_IN_POSEDGE_EN. When set, writing to the GPIO Low Bank Input Posi-
tive Edge Enable register (GPIO I/O Offset C0h) is prevented.
13
LKIP
Lock GPIOH_EVENTS_EN. When set, writing to the GPIO Low Bank Events Enable
(interrupts &PMEs) register (GPIO I/O Offset B8h) is prevented.
12
LKIA
Lock GPIOH_IN_AUX1_SEL. When set, writing to the GPIO Low Bank Input Auxiliary
1 Select register (GPIO I/O Offset B4h) is prevented.
11
LKEE
Lock GPIOH_IN_EVNTCNT_EN. When set, writing to the GPIO Low Bank Input Event
Count Enable register (GPIO I/O Offset ACh) is prevented.
10
LKFE
Lock GPIOH_IN_FLTR_EN. When set, writing to the GPIO Low Bank Input Filter
Enable register (GPIO I/O Offset A8h) is prevented.
9LKII
Lock GPIOH_IN_INVRT_EN. When set, writing to the GPIO Low Bank Input Invert
Enable register (GPIO I/O Offset A4h) is prevented.
8LKIE
Lock GPIOH_IN_EN. When set, writing to the GPIO Low Bank Input Enable register
(GPIO I/O Offset A0h) is prevented.
7
LKPD
Lock GPIOH_PD_EN. When set, writing to the GPIO Low Bank Pull-Down Enable reg-
ister (GPIO I/O Offset 9Ch) is prevented.
6
LKPU
Lock GPIOH_PU_EN. When set, writing to the GPIO Low Bank Pull-Up Enable regis-
ter (GPIO I/O Offset 98h) is prevented.
5
LKA2
Lock GPIOH_OUT_AUX2_SEL. When set, writing to the GPIO Low Bank Output Aux-
iliary 2 Select register (GPIO I/O Offset 94h) is prevented.
4
LKA1
Lock GPIOH_OUT_AUX1_SEL. When set, writing to the GPIO Low Bank Output Aux-
iliary 1 Select register (GPIO I/O Offset 90h) is prevented.
3LKOI
Lock GPIOH_OUT_INVRT_EN. When set, writing to the GPIO Low Bank Output Invert
Enable register (GPIO I/O Offset 8Ch) is prevented.
2LKOD
Lock GPIOH_OUT_OD_EN. When set, writing to the GPIO Low Bank Output Open-
Drain Enable register (GPIO I/O Offset 88h) is prevented.
1LKOE
Lock GPIOH_OUTPUT_ENABLE. When set, writing to the GPIO Low Bank Enable
register (GPIO I/O Offset 84h) is prevented.
0LKOV
Lock GPIOH_OUTPUT_VALUE. When set, writing to the GPIO Low Bank Output
Value register (GPIO I/O Offset 80h) is prevented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com