Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 455 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 455 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 451Page - National Semiconductor (TI) CS5535 Datasheet HTML 452Page - National Semiconductor (TI) CS5535 Datasheet HTML 453Page - National Semiconductor (TI) CS5535 Datasheet HTML 454Page - National Semiconductor (TI) CS5535 Datasheet HTML 455Page - National Semiconductor (TI) CS5535 Datasheet HTML 456Page - National Semiconductor (TI) CS5535 Datasheet HTML 457Page - National Semiconductor (TI) CS5535 Datasheet HTML 458Page - National Semiconductor (TI) CS5535 Datasheet HTML 459Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 555 page
background image
Revision 0.8
455
www.national.com
GPIO Subsystem Register Descriptions (Continued)
5.16.3.2
GPIO Filter Count (GPIO_FILTER[x]_COUNT)
Writing to these 16-bit registers programs the counter value. Reads provide current counter value.
GPIO Filter 0 Count (GPIO_FLTR0_CNT)
GPIO Filter 1 Count (GPIO_FLTR1_CNT)
GPIO Filter 2 Count (GPIO_FLTR2_CNT)
GPIO Filter 3 Count (GPIO_FLTR3_CNT)
GPIO Filter 4 Count (GPIO_FLTR4_CNT)
GPIO Filter 5 Count (GPIO_FLTR5_CNT)
GPIO Filter 6 Count (GPIO_FLTR6_CNT)
GPIO Filter 7 Count (GPIO_FLTR7_CNT)
GPIO I/O Offset
52h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
5Ah
Type
R/W
Reset Value
0000h
GPIO I/O Offset
62h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
6Ah
Type
R/W
Reset Value
0000h
GPIO I/O Offset
72h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
7Ah
Type
R/W
Reset Value
0000h
GPIO I/O Offset
D2h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
DAh
Type
R/W
Reset Value
0000h
GPIO_FLTR[x]_CNT Register Map
15
14
13
12
11
10
987
6543
210
FILTER_COUNT
GPIO_FLTR[x]_CNT Bit Descriptions
Bit
Name
Description
15:0
FILTER_COUNT
Filter Count. An initial count is loaded into the FILTER_COUNT via the
FILTER_AMOUNT register.
Direct access to the counter’s state is provided via the
FILTER_COUNT register and may be read at any time to determine the current value
of the counter. The FILTER_COUNT register may also be written to at any time,
thereby jamming the counter state forward or backward from the current count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com