Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 454 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 454 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 450Page - National Semiconductor (TI) CS5535 Datasheet HTML 451Page - National Semiconductor (TI) CS5535 Datasheet HTML 452Page - National Semiconductor (TI) CS5535 Datasheet HTML 453Page - National Semiconductor (TI) CS5535 Datasheet HTML 454Page - National Semiconductor (TI) CS5535 Datasheet HTML 455Page - National Semiconductor (TI) CS5535 Datasheet HTML 456Page - National Semiconductor (TI) CS5535 Datasheet HTML 457Page - National Semiconductor (TI) CS5535 Datasheet HTML 458Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 555 page
background image
www.national.com
454
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.3 GPIO Input Conditioning Function Registers
The CS5535 has eight digital filter/event counter pairs (numbered 0 through 7) that can be shared with 28 GPIOs. There
are two 16-bit registers associated with digital filter (FILTER_AMOUNT and FILTER_COUNTER) and two 16-bit registers
associated with event counter (EVENTCOUNT and EVENT_COMP). The Input Conditioning Function registers are not
based on the atomic programming model.
5.16.3.1
GPIO Filter Amount (GPIO_FLTR[x]_AMNT)
GPIO_FILTER[x]_AMOUNT are 16-bit registers and programmed with a 16-bit filter count value.
GPIO Filter 0 Amount (GPIO_FLTR0_AMNT)
GPIO Filter 1 Amount (GPIO_FLTR1_AMNT)
GPIO Filter 2 Amount (GPIO_FLTR2_AMNT)
GPIO Filter 3 Amount (GPIO_FLTR3_AMNT)
GPIO Filter 4 Amount (GPIO_FLTR4_AMNT)
GPIO Filter 5 Amount (GPIO_FLTR5_AMNT)
GPIO Filter 6 Amount (GPIO_FLTR6_AMNT)
GPIO Filter 7 Amount (GPIO_FLTR7_AMNT)
GPIO I/O Offset
50h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
58h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
60h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
68h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
70h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
78h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
D0h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
D8h
Type
R/W
Reset Value
0000h
GPIO_FLTR[x]_AMNT Register Map
15
14
13
12
11
10
987
6543
210
FILTER_AMOUNT
GPIO_FLTR[x]_AMNT Bit Descriptions
Bit
Name
Description
15:0
FILTER_AMOUNT
Filter Amount. The associated GPIO input must remain stable for a FILTER_AMOUNT
number of 32 kHz clock edges in order for the output to change. A FILTER_AMOUNT of
0 effectively disables the filtering function because the counter will not roll over from 0
to all 1s. The maximum FILTER_AMOUNT is FFFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com