Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 521 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 521 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 517Page - National Semiconductor (TI) CS5535 Datasheet HTML 518Page - National Semiconductor (TI) CS5535 Datasheet HTML 519Page - National Semiconductor (TI) CS5535 Datasheet HTML 520Page - National Semiconductor (TI) CS5535 Datasheet HTML 521Page - National Semiconductor (TI) CS5535 Datasheet HTML 522Page - National Semiconductor (TI) CS5535 Datasheet HTML 523Page - National Semiconductor (TI) CS5535 Datasheet HTML 524Page - National Semiconductor (TI) CS5535 Datasheet HTML 525Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 555 page
background image
Revision 0.8
521
www.national.com
GLCP Register Descriptions (Continued)
5.20.2.6
Software Communication Register (GLCP_DOWSER)
This register is a free 64-bit read/write register that can be used by software, for example, to store flags.
5.20.2.7
GLCP Clock Control (GLCP_CLKOFF)
This register has bits that, when set, disable clocks immediately. It is not intended for normal use, only as a debug tool.
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
GLCP_DBGOUT Bit Descriptions
Bit
Name
Description
63:0
RSVD
Reserved. These bits are reserved for internal testing only. These bits should not be
written to.
MSR Address
5170000Eh
Type
R/W
Reset Value
00000000_00000000h
GLCP_DOWSER Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
VAL
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 987654
3210
VAL
GLCP_DOWSER Bit Descriptions
Bit
Name
Description
63:0
VAL
Value. This 64-bit scratchpad register was specifically added for SW debugger use
(DOWSER). The register resets to 00000000_00000000h with both hard and soft
resets.
MSR Address
51700010h
Type
R/W
Reset Value
00000000_00000000h
GLCP_CLKOFF Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GLCP_DBGOUT Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com