Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 522 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 522 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 518Page - National Semiconductor (TI) CS5535 Datasheet HTML 519Page - National Semiconductor (TI) CS5535 Datasheet HTML 520Page - National Semiconductor (TI) CS5535 Datasheet HTML 521Page - National Semiconductor (TI) CS5535 Datasheet HTML 522Page - National Semiconductor (TI) CS5535 Datasheet HTML 523Page - National Semiconductor (TI) CS5535 Datasheet HTML 524Page - National Semiconductor (TI) CS5535 Datasheet HTML 525Page - National Semiconductor (TI) CS5535 Datasheet HTML 526Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 555 page
background image
www.national.com
522
Revision 0.8
GLCP Register Descriptions (Continued)
5.20.2.8
GLCP Clock Active (GLCP_CLKACTIVE)
5.20.2.9
GLCP Clock Mask for Debug Clock Stop Action (GLCP_CLKDISABLE)
GLCP_CLKOFF Bit Descriptions
Bit
Name
Description
63:34
RSVD
Reserved
33:0
CLK_OFF
Clock Off. A 1 in any bit position causes the corresponding clock to be immediately
and unconditionally shut off. It is not intended for normal operational use, only as a
debug tool. For bit-to-clock correspondences and recommended operational settings
see Table 5-73 on page 518.
MSR Address
51700011h
Type
RO
Reset Value
0000000x_xxxxxxxxxh
GLCP_CLKACTIVE Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GLCP_CLKACTIVE Bit Descriptions
Bit
Name
Description
63:34
RSVD (RO)
Reserved (Read Only). Reads as 0.
33:0
CLK_ACT (RO)
Clock Active (Read Only). This register reports the status, active or inactive, of each
clock. When set, each bit indicates that a block is internally enabling its own clock. The
actual clock can be off even though the CLK_ACT bit is set, if the corresponding
CLK_OFF bit is set in GLCP_CLKOFF (MSR 51700010h). For bit-to-clock correspon-
dences and recommended operational settings see Table 5-73 on page 518.
MSR Address
51700012h
Type
R/W
Reset Value
00000000_00000000h
GLCP_CLKDISABLE Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
GLCP_CLKDISABLE Bit Descriptions
Bit
Name
Description
63:0
RSVD
Reserved. This register is reserved for internal testing only. These bits should not be
written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com