Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 526 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 526 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 522Page - National Semiconductor (TI) CS5535 Datasheet HTML 523Page - National Semiconductor (TI) CS5535 Datasheet HTML 524Page - National Semiconductor (TI) CS5535 Datasheet HTML 525Page - National Semiconductor (TI) CS5535 Datasheet HTML 526Page - National Semiconductor (TI) CS5535 Datasheet HTML 527Page - National Semiconductor (TI) CS5535 Datasheet HTML 528Page - National Semiconductor (TI) CS5535 Datasheet HTML 529Page - National Semiconductor (TI) CS5535 Datasheet HTML 530Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 555 page
background image
www.national.com
526
Revision 0.8
Electrical Specifications (Continued)
6.1.4
Recommended Operating Conditions
6.1.5
Current Consumption
Table 6-3. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
VCORE
Core Supply Voltage, Working Domain (Note 1)
1.14
1.5
1.58
V
VCORE_VSB
Core Supply Voltage, Standby Domain (Note 1)
1.14
1.5
1.58
V
VIO
I/O Supply Voltage, Working Domain
3.14
3.3
3.46
V
VIO_VSB
I/O Supply Voltage, Standby Domain
3.14
3.3
3.46
V
AVDD_USB
USB Transceiver Supply Voltage
3.14
3.3
3.46
V
VBAT
Real-time Clock Battery
2.4
3.0
3.6
V
TCASE
Case Temperature of Package
0
85
C
Input Timing
Input Rise and Fall Times (unless otherwise indicated)
See Figure 6-1 "Clock Reference Definition" on page
530 for rise and fall definition.
0.5
5
ns
Note 1. The CS5535 is designed to be used with the GX2 processor; as such, their core voltage ranges are compatible.
Table 6-4. Current Consumption
Symbol
Description
Typ
Avg
Abs
Max
Units
Comments
ICORE_ON
Core plus Standby Core Current
60
125
mA
CPU Mode = Full On
Typ = Typical operating conditions,
clock gating on
Max = Maximum operating condi-
tions, clock gating off
IIO_ON
I/O plus Standby I/O Current
12
25
mA
CPU Mode = Full On
Typ = Typical operating conditions,
clock gating on
Max = Maximum operating condi-
tions, clock gating off
IVDD_USB
USB Current
4
5
mA
ICORE_Sleep
Core plus Standby Core Current
21
mA
SUSPA# active
All clocks stopped
All I/Os driven low or TRI-STATE
IIO_Sleep
I/O plus Standby I/O Current
5
mA
ICORE_VSB_Standby
Standby Core Current
<1
mA
Power removed from VCORE and VIO
IIO_VSB_Standby
Standby I/O Current
<1
mA
IBAT
Battery Current @ VBAT = 3.0V
(Nominal), 25°C
5
µA
Use for battery life calculation. When
off, system quickly reaches ambient
temperature.
Battery Current @ VBAT = 3.0V
(Max), 85°C
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com