Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 529 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 529 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 525Page - National Semiconductor (TI) CS5535 Datasheet HTML 526Page - National Semiconductor (TI) CS5535 Datasheet HTML 527Page - National Semiconductor (TI) CS5535 Datasheet HTML 528Page - National Semiconductor (TI) CS5535 Datasheet HTML 529Page - National Semiconductor (TI) CS5535 Datasheet HTML 530Page - National Semiconductor (TI) CS5535 Datasheet HTML 531Page - National Semiconductor (TI) CS5535 Datasheet HTML 532Page - National Semiconductor (TI) CS5535 Datasheet HTML 533Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 555 page
background image
Revision 0.8
529
www.national.com
Electrical Specifications (Continued)
Table 6-6. Other USB DC Parameters
Signal
Parameter
Min
Max
Units
Comment/Condition
Differential Pair:
USB1_1_DATPOS
USB1_1_DATNEG
Differential Pair:
USB1_2_DATPOS
USB1_2_DATNEG
Differential Pair:
USB2_1_DATPOS
USB2_1_DATNEG
Differential Pair:
USB2_2_DATPOS
USB2_2_DATNEG
Output VCRS (cross over)
1.3
2.0
V
Same for low and full speed.
Note 1.
Input Differential Voltage
Sensitivity
200
mV
Same for low and full speed.
Note 2 and Note 3.
Note 1. Crossover voltage defined in Figure 6-8 "USB Output Parameter Definition" on page 541.
Note 2. See Figure 6-9 "USB Input Parameter Definition" on page 541.
Note 3. When both differential data inputs are in the Differential Input Voltage Common Mode Range (VCM)
of 0.8V to 2.5V as illustrated in Figure 6-10 "USB Differential Input Sensitivity Range" on page 541.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com