Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 532 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 532 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 528Page - National Semiconductor (TI) CS5535 Datasheet HTML 529Page - National Semiconductor (TI) CS5535 Datasheet HTML 530Page - National Semiconductor (TI) CS5535 Datasheet HTML 531Page - National Semiconductor (TI) CS5535 Datasheet HTML 532Page - National Semiconductor (TI) CS5535 Datasheet HTML 533Page - National Semiconductor (TI) CS5535 Datasheet HTML 534Page - National Semiconductor (TI) CS5535 Datasheet HTML 535Page - National Semiconductor (TI) CS5535 Datasheet HTML 536Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 555 page
background image
www.national.com
532
Revision 0.8
Electrical Specifications (Continued)
6.3.1
Clock Inputs
All of the clocks in Table 6-7 indicate a minimum frequency
of zero. Specifically, there are no dynamic circuits with min-
imum clock speeds. Additionally, Active Hardware Clock
Gating (AHCG) (see Section 3.9 "Power Management" on
page 72) will turn off all or some of the system clocks at
selected
points
in
time
to
save
power.
The
KHZ32_XCI/KH32XCO being the one exception to “off all”.
It always runs.
While the above discussion is accurate, there are minimum
clock requirements for proper system operation. These are
indicated in the Notes for each clock in Table 6-7.
Table 6-7. Clock Timing Parameters
Signal
Parameter
Min
Typ
Max
Units
Comment/Condition
MHZ66_CLK
Frequency
0
66.00
66.50
MHz
Note 1 and Note 2.
Rise/Fall Time
0.5
2
ns
High/Low Time
6
None
ns
Note 3.
PCI_CLK
Frequency
0
33 or 66
67.50
MHz
Note 1 and Note 4.
Rise/Fall Time
0.5
2
ns
High/Low Time
6
None
ns
Note 3.
MHZ48_CLK
Frequency
0
48.00
49.25
MHz
Note 1 and Note 5.
Rise/Fall Time
0.5
2
ns
High/Low Time
6
None
ns
Note 3.
LPC_CLK
Frequency
0
33
34
MHz
Note 1, Note 4, and Note 6.
Rise/Fall Time
0.5
2
ns
High/Low Time
6
None
ns
Note 3.
MHZ14_CLK
Frequency
0
14.31818
15.00
MHz
Note 1 and Note 7.
Rise/Fall Time
0.5
2
ns
High/Low Time
6
None
ns
Note 3.
AC_CLK
Frequency
0
12.239
13.00
MHz
Note 1 and Note 8.
Rise/Fall Time
0.5
2
ns
High/Low Time
6
None
ns
Note 3.
TCK
Frequency
0
4.0
15.00
MHz
Note 1.
Rise/Fall Time
0.5
2
ns
High/Low Time
6
None
ns
Note 3.
KHZ32_XCI
KHZ32_XCO
Frequency
0
32.768
1000
kHz
Note 1 and Note 9.
High/Low Time
0.5
None
µs
Note 3.
Note 1. Signal parameters are defined in Figure 6-1 "Clock Reference Definition" on page 530.
Note 2. Operationally, the minimum clock is 64.50 MHz. Operation out of the 66 MHz range indicated causes the CS5535
ATA Controller to operate out of ATA specification limits.
Note 3. Clock duty cycles not 100% tested. Guaranteed by design.
Note 4. For maximum system performance, this clock should be as high as possible up to the maximum indicated.
Note 5. The USB spec requires a controller accuracy of +/- 0.05% (500 ppm).
Note 6. Must be greater than half the MHZ14_CLK frequency.
Must be at least four times faster than the KHZ32_XCI frequency.
Note 7. This clock is used as the system time base and hence should have the “typical” frequency indicated.
Note 8. This clock should be connected to the external codec output that is half the codec input clock of 24.478 MHz.
Note 9. Typically, connect these pins to a 32.768 kHz crystal. However, an external oscillator may be connected to the
KHZ32_XCI pin and driven to the maximum rate shown for testing. When operated with an external oscillator, leave
the KHZ32_XCO pin open. When operating with an external oscillator, input voltage on KHZ32_XCI (khz32_xci)
should swing rail-to-rail, that is, zero-to-VIO_VSB. With external oscillator, the input voltage high should always be
at least 3.0 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com