Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 535 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 535 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 531Page - National Semiconductor (TI) CS5535 Datasheet HTML 532Page - National Semiconductor (TI) CS5535 Datasheet HTML 533Page - National Semiconductor (TI) CS5535 Datasheet HTML 534Page - National Semiconductor (TI) CS5535 Datasheet HTML 535Page - National Semiconductor (TI) CS5535 Datasheet HTML 536Page - National Semiconductor (TI) CS5535 Datasheet HTML 537Page - National Semiconductor (TI) CS5535 Datasheet HTML 538Page - National Semiconductor (TI) CS5535 Datasheet HTML 539Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 555 page
background image
Revision 0.8
535
www.national.com
Electrical Specifications (Continued)
6.3.4
IDE Signals in IDE Mode
The signals detailed in this sub-section use an “IDE” buffer
type. For a detailed explanation of buffer types, see Table
2-4 "Buffer Type Characteristics" on page 28.
In this subsection, unless otherwise noted:
• All timing specifications are specified under the oper-
ating conditions listed in Table 6-3 on page 526 (i.e.,
VCORE and VCORE_VSB = All; VIO and VIO_VSB = All;
TCASE = All).
• Signals are referenced to MHZ66_CLK low-to-high
edge.
• Signal and test parameters are defined in Figure 6-2
"AC Reference Timing and Test Definition" on page 530.
Table 6-10. IDE Register, PIO, and Multiword DMA Timing Parameters
Signal
Parameter
Min
Max
Units
Comment/Condition
IDE_CS[1:0]#,
IDE_IOW0,
IDE_AD[2:0],
IDE_RST#,
IDE_DACK0#
tVAL
2
10
ns
IDE_DACK0# is only used for DMA.
Note 1 and Note 2.
IDE_IOR0#
tVAL
3•
13
ns
Note 1 and Note 2.
IDE_DATA[15:0] for Write
Note 3.
IDE_DATA[15:0] for Read
Note 4 and Note 5.
IDE_RDY0,
IDE_IRQ0,
IDE_DREQ0#
Async Input
NA
NA
ns
No clock reference. Note 6.
IDE_IRQ0 and IDE_DREQ0# are
only used for DMA.
Note 1. Per the ATA/ATAPI-5 spec, these signals utilize Output Reference Timing (see Figure 6-3 on page 531) relative to
IDE_IOR0# and IDE_IOW0#. However, the IDE Controller uses the MHZ66_CLK edges to make output changes,
that when taken together, meet all the timing requirements of the referenced spec. Therefore, tVAL times are spec-
ified and tested relative to the MHZ66_CLK.
Note 2. tVAL min times with load of: 15 pF cap to ground.
tVAL max times with load of: 40 pF cap to ground.
Note 3. Per the ATA/ATAPI-5 spec, IDE_DATA write signals utilize Output Reference Timing (see Figure 6-3 on page 531)
relative to IDE_IOW0#. However, the IDE Controller uses the MHZ66_CLK edges to make output changes, and
when taken together, meet all the timing requirements of the referenced spec. See Figure 6-5 "IDE Data In Timing
Non-UltraDMA" on page 536.
Note 4. Per the ATA/ATAPI-5 spec, these signals utilize Input Reference Timing (see Figure 6-4 on page 531) relative to
IDE_IOR0#. However, the IDE Controller samples the inputs with the MHZ66_CLK at the appropriate points in time
to meet all the timing requirements of the referenced spec.
Note 5. See Figure 6-5 "IDE Data In Timing Non-UltraDMA". As indicated in Note 4, IDE_DATA[15:0] read input is specified
relative to the low-to-high edge of IDE_IOR0#. However, the implementation meets a tighter test spec referenced
to the low-to-high edge of the MHZ66_CLK.
Note 6. For IDE_IRQ0, GPIO2 configured: Aux In and Input Enable = 1; Output Enable, Aux Out 1, and Aux Out 2 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com