Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 537 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 537 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 533Page - National Semiconductor (TI) CS5535 Datasheet HTML 534Page - National Semiconductor (TI) CS5535 Datasheet HTML 535Page - National Semiconductor (TI) CS5535 Datasheet HTML 536Page - National Semiconductor (TI) CS5535 Datasheet HTML 537Page - National Semiconductor (TI) CS5535 Datasheet HTML 538Page - National Semiconductor (TI) CS5535 Datasheet HTML 539Page - National Semiconductor (TI) CS5535 Datasheet HTML 540Page - National Semiconductor (TI) CS5535 Datasheet HTML 541Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 555 page
background image
Revision 0.8
537
www.national.com
Electrical Specifications (Continued)
Figure 6-6. IDE UltraDMA Data Out Timing
Table 6-11. IDE UltraDMA Data Out Timing Parameters
Signal
Parameter
Min
Max
Units
Comment/Condition
IDE_DACK0#
IDE_HDMA_DS,
IDE_STOP,
IDE_IOW0#
tVAL
2
10
ns
In Ultra DMA/33 mode, the
IDE_IOR0# signal is redefined as
IDE_HDMA_DS.
Note 1 and Note 2.
IDE_DATA[15:0]
tVAL
See Notes
ns
Note 2 and Note 3.
IDE_DREQ0
Async Input
NA
NA
ns
No clock reference. Note 4.
IDE_DDMA_RDY
Async Input
NA
NA
ns
In Ultra DMA/33 mode, the
IDE_RDY0 signal is redefined as
IDE_DDMA_RDY.
Note 4.
IDE_IRQ0
Async Input
NA
NA
ns
Note 4 and Note 5.
Note 1. Per the ATA/ATAPI-5 spec, these signals utilize Output Reference Timing (see Figure 6-3 on page 531) relative to
IDE_IOR0# and IDE_IOW0#. However, the IDE Controller uses the MHZ66_CLK edges to make output changes,
that when taken together, meet all the timing requirements of the referenced spec. Therefore, tVAL times are spec-
ified and tested relative to the MHZ66_CLK.
Note 2. tVAL min times with load of: 15 pF cap to ground.
tVAL max times with load of: 40 pF cap to ground.
Note 3. This signal uses Output Reference Timing (see Figure 6-3 on page 531). Figure 6-6 illustrates IDE_HDMA_DS and
IDE_DATA[15:0] relationship.
Note 4. Per the ATA/ATAPI-5 spec, these signals utilize Input Reference Timing (see Figure 6-4 on page 531) relative to
IDE_IOR0#. However, the IDE Controller samples the inputs with the MHZ66_CLK at the appropriate points in time
to meet all the timing requirements of the referenced spec.
Note 5. For IDE_IRQ0, GPIO2 configured: AUX_IN and Input Enable = 1; Output Enable, AUX_OUT_1, and AUX_OUT_2
= 0.
IDE_HDMA_DS
IDE_DATA[15:0]
tVAL_M = 6 ns
tVAL_P = 6 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com