Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 540 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 540 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 536Page - National Semiconductor (TI) CS5535 Datasheet HTML 537Page - National Semiconductor (TI) CS5535 Datasheet HTML 538Page - National Semiconductor (TI) CS5535 Datasheet HTML 539Page - National Semiconductor (TI) CS5535 Datasheet HTML 540Page - National Semiconductor (TI) CS5535 Datasheet HTML 541Page - National Semiconductor (TI) CS5535 Datasheet HTML 542Page - National Semiconductor (TI) CS5535 Datasheet HTML 543Page - National Semiconductor (TI) CS5535 Datasheet HTML 544Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 555 page
background image
www.national.com
540
Revision 0.8
Electrical Specifications (Continued)
6.3.6
USB Signals
All signals detailed in this sub-section use an “IDE” buffer
type. For a detailed explanation of buffer types, see Table
2-4 "Buffer Type Characteristics" on page 28.
In this subsection, unless otherwise noted:
• All timing specifications are specified under the oper-
ating conditions listed in Table 6-3 on page 526 (i.e.,
VCORE and VCORE_VSB = All; VIO and VIO_VSB = All;
TCASE = All).
Table 6-14. USB Timing Parameters
Signal
Parameter
Min
Max
Units
Comment/Condition
USB_PWR_EN1,
USB_PWR_EN2
USB_OC_SENS#
Differential Pair:
USB1_1_DATPOS,
USB1_1_DATNEG,
Differential Pair:
USB1_2_DATPOS,
USB1_2_DATNEG,
Differential Pair:
USB2_1_DATPOS,
USB2_1_DATNEG
usb2_portdn1
Differential Pair:
USB2_2_DATPOS,
USB2_2_DATNEG
Async Output or Level
NA
NA
ns
No clock reference.
Async Input
NA
NA
ns
No clock reference.
Output Rise and Fall
Times (full speed)
4
20
ns
Note 1, Note 2, and Note 3.
Output Rise and Fall
Times (low speed)
75
300
ns
Note 1, Note 2, and Note 4. Measured at
the downstream host end.
Note 1. Rise time and fall time defined in Figure 6-8 "USB Output Parameter Definition" on page 541.
Note 2. The rise and fall time values for a given differential pair are matched within 10%. Edges are monotonic.
Note 3. Actual value is adjustable. Values in this table require CADJ[4:0] = 0x10b:
--XMIT2_CADJ: USBC1 MSR 51600008h[13:9] and USBC2 MSR 51200008h[4:0];
--(XMIT1_CADJ: USBC1 MSR 51600008h[7:5] and USBC2 MSR 51200008h[7:5].
Note 4. The rise and fall time values for a given differential pair are matched within 20%. Edges are monotonic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com