Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 124Page - National Semiconductor (TI) CS5535 Datasheet HTML 125Page - National Semiconductor (TI) CS5535 Datasheet HTML 126Page - National Semiconductor (TI) CS5535 Datasheet HTML 127Page - National Semiconductor (TI) CS5535 Datasheet HTML 128Page - National Semiconductor (TI) CS5535 Datasheet HTML 129Page - National Semiconductor (TI) CS5535 Datasheet HTML 130Page - National Semiconductor (TI) CS5535 Datasheet HTML 131Page - National Semiconductor (TI) CS5535 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 555 page
background image
www.national.com
128
Revision 0.8
UART/IR Controller Functional Description (Continued)
UART mode can be implemented in standard 16450 and
16550 compatibility (non-extended) and extended mode.
UART 16450 compatibility mode is the default after power-
up or reset. When extended mode is selected, the func-
tional block architecture changes slightly and a variety of
additional features are made available. The interrupt
sources are no longer prioritized, and an Auxiliary Status
and Control Register (ASCR) replaces the Scratch Pad
Register (SPR). The additional features include: transmitter
FIFO (TX_FIFO) thresholding, DMA capability, and inter-
rupts on transmitter empty states and DMA events.
The clock for both transmit and receive channels is pro-
vided by an internal baud generator that divides its input
clock by any divisor value from 1 to 216-1. The output clock
frequency of the baud generator must be programmed to
be 16 times the baud rate value. The baud generator input
clock is derived from a 24 MHz clock through a program-
mable prescaler. The prescaler value is determined by the
PRESL bits in the EXCR2 register. Its default value is 13.
This allows all the standard baud rates, up to 115.2 kbaud,
to be obtained. Smaller prescaler values allow baud rates
up to 921.6 kbaud (standard) and 1.5 Mbaud (non-stan-
dard).
Before operation can begin, both the communication for-
mat and baud rate must be programmed by the software.
The communication format is programmed by loading a
control byte into the LCR (Link Control Register), while the
baud rate is selected by loading an appropriate value into
the Baud Generator Divisor Register. The software can
read the status of the functional block at any time during
operation. The status information includes Full/Empty
states for both transmit and receive channels, and any
other condition detected on the received data stream, such
as a parity error, framing error, data overrun, or break
event.
4.11.1.2 Sharp-IR Mode
This mode supports bidirectional data communication with
a remote device, using IR radiation as the transmission
medium. Sharp-IR uses Digital Amplitude Shift Keying
(DASK) and allows serial communication at baud rates up
to 38.4 kbaud. The format of the serial data is similar to that
of the UART data format. Each data word is sent serially,
beginning with a 0 value START bit, followed by up to eight
data bits (LSB first), an optional parity bit, and ending with
at least one STOP bit, with a binary value of 1. A logical 0 is
signalled by sending a 500 kHz continuous pulse train of IR
radiation. A logical 1 is signalled by the absence of an IR
signal. This functional block can perform the modulation
and demodulation operations internally, or can rely on the
external optical module to perform them.
Sharp-IR device operation is similar to operation in UART
mode. The difference being that data transfer operations
are normally performed in half-duplex fashion, and the
modem control and status signals are not used. Selection
of the Sharp-IR mode is controlled by the Mode Select
(MDSL) bits in the MCR when the functional block is in
extended mode, or by the IR_SL bits in the IRCR1 register
when the functional block is in non-extended mode.) This
prevents legacy software, running in non-extended mode,
from spuriously switching the functional block to UART
mode when the software writes to the MCR.
4.11.1.3 SIR Mode
SIR mode supports bidirectional data communication with
a remote device, using IR radiation as the transmit
medium. SIR allows serial communication at baud rates up
to 115.2 kbaud. The serial data format is similar to that of
the UART data format. Each data word is sent serially,
beginning with a 0 value START bit, followed by eight data
bits (LSB first), an optional PARITY bit, and ending with at
least one STOP bit, with a binary value of 1. A 0 value is
signalled by sending a single IR pulse. A 1 value is sig-
nalled by the absence of a pulse. The width of each pulse
can be either 1.6
µs (3/16 the time required to transmit a
single bit at 115.2 kbps). This way, each word begins with a
pulse at the START bit.
Operation in SIR is similar to that of the UART mode. The
difference being that data transfer operations are normally
performed in half-duplex fashion. Selection of the IrDA 1.0
SIR mode is controlled by the MDSL bits in the MCR when
the UART is in extended mode, or by the IR_SL bits in the
IRCR1 register when the UART is in non-extended mode.
This prevents legacy software, running in non-extended
mode, from spuriously switching the functional block to
UART mode when the software writes to the MCR.
4.11.1.4 CEIR Mode
The Consumer Electronics IR circuitry is designed to opti-
mally support all major protocols presently used in the fol-
lowing remote-controlled home entertainment equipment:
RC-5, RC-6, RECS 80, NEC, and RCA. This module, in
conjunction with an external optical device, provides the
physical layer functions necessary to support these proto-
cols. Such functions include: modulation, demodulation,
serialization, de-serialization, data buffering, status report-
ing, interrupt generation, etc. The software is responsible
for the generation of IR code transmitted, and the interpre-
tation of received code.
CEIR Transmit Operation
The transmitted code consists of a sequence of bytes that
represents either a bit string or a set of run-length codes.
The number of bits or run-length codes needed to repre-
sent each IR code bit depends on the IR protocol used.
The RC-5 protocol, for example, needs two bits or between
one and two run-length codes to represent each IR code
bit.
Transmission is initiated when the processor or DMA con-
troller writes code bytes into the empty TX_FIFO. Trans-
mission is completed when the processor sets the S_EOT
bit of the ASCR, before writing the last byte, or when the
DMA controller activates the terminal count (TC). Transmis-
sion also terminates if the processor simply stops transfer-
ring data and the transmitter becomes empty. In this case,
however, a transmitter-underrun condition is generated that
must be cleared in order to begin the next transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com