Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 128Page - National Semiconductor (TI) CS5535 Datasheet HTML 129Page - National Semiconductor (TI) CS5535 Datasheet HTML 130Page - National Semiconductor (TI) CS5535 Datasheet HTML 131Page - National Semiconductor (TI) CS5535 Datasheet HTML 132Page - National Semiconductor (TI) CS5535 Datasheet HTML 133Page - National Semiconductor (TI) CS5535 Datasheet HTML 134Page - National Semiconductor (TI) CS5535 Datasheet HTML 135Page - National Semiconductor (TI) CS5535 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 555 page
background image
www.national.com
132
Revision 0.8
UART/IR Controller Functional Description (Continued)
4.11.3.2 Virtual Dongle
The virtual dongle interface is used due to the unavailability
of pins for dongle identification and configuration (see Fig-
ure 4-36).
The virtual dongle interface is a method used to run legacy
software on the UART/IR Controller. The virtual dongle
interface uses dedicated UART/IR MSRs. (See Section
5.12.1 "UART/IR Controller Specific MSRs" on page 363
for complete register and bit formats.) The virtual dongle
imitates the real dongle as far as legacy software is con-
cerned, and there are no plug-and-play requirements for IR
transceivers.
• The software inputs the dongle's ID to the ID[0:3] bits of
MSR_UART[x]_MOD (UART1 MSR 51400038h and
UART2 MSR 5140003Ch) as the primary ID encoding.
• For dongles that use a non-serial transceiver, it identifies
the Consumer IR capabilities. The software should
switch ID1 and ID2 to output mode (so they become
IRSL1 and IRSL2), IRSL1 and IRSL2 will or will not
behave differently (i.e., INV [invert] or NCH [no change])
from the previous step and the software should respond
by driving the appropriate level on ID0 and ID3 in the
MSR_UART[x]_DONG register.
The operational mode of an infrared dongle that uses a
non_serial transceiver is selected by the driving the
IRSL[2:0] signals.
Features
• Uses only three pins to connect to IR transceiver.
• Fully supports legacy software written for real dongle,
with some manual intervention.
• All real dongle modes can be supported by changing the
MSR.
Limitations
• No Plug-and-Play features available.
• IRSL1 and IRSL2 pins need to be tied in the IR trans-
ceiver for the required mode.
• MSR contents must be changed when changing the
transceiver mode. If BIOS is used to change the MSR
contents, it must be a factory setting.
• If the legacy software supports IR transceiver configura-
tion, the contents of IRSL[2:0] are to be read from the
MSR and the required bit tieing needs to be done in the
transceiver board.
Figure 4-36. Virtual Dongle Interface
Mux
IR Controller
ID1
ID2
ID0
ID3
UART/IR Controller
MSR_UART[x]_MOD
MSR_UART[x]_DONG
IRSL0
IRSL1
IRSL2
IRTX
IRRX1
ASIC Boundary
IR Transceiver
Tie IRSL1
and IRSL2
IRSL1
IRSL2
ID1
ID2
ID0
ID3
ID0_SEC ID3_SEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com