Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
Data Sheet
ADIN1101
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. A | 25 of 79
►
B10L_TX_LVL_HI_ABLE = 0: 1.0 V p-p only ability
►
B10L_TX_LVL_HI_ABLE = 1: 1.0 V p-p and 2.4 V p-p ability
See the Configuration of Transmit Level Mode section for more
details.
Advertise High Voltage Transmit Ability
Set the AN_ADV_B10L_TX_LVL_HI_ABL bit to 1 to advertise the
high level transmit mode to the link partner during autonegotiation.
This bit can only be set if the ADIN1101 has the ability to transmit in
high voltage mode (B10L_TX_LVL_HI_ABLE = 1).
High voltage transmit ability only enables the ADIN1101 to adver-
tise support for both 2.4 V p-p and 1.0 V p-p levels. The selected
level is determined by autonegotiation with the link partner.
See the Transmit Amplitude Advertisement section for more details.
Advertise a Request for High Voltage Transmit
Level
Set the AN_ADV_B10L_TX_LVL_HI_REQ bit to 1 to advertise a re-
quest for 2.4 V p-p transmit level operation during autonegotiation.
This bit can only be set if the ADIN1101 has the ability to transmit in
high voltage mode (B10L_TX_LVL_HI_ABLE = 1).
See the Transmit Amplitude Advertisement section for more details.
Read Link Partner Advertised Transmit Level
The link partner advertised transmit information can be
read using the link partner high level transmit operating
mode ability (AN_LP_ADV_B10L_TX_LVL_HI_ABL) and the
link partner high level transmit operating mode request
(AN_LP_ADV_B10L_TX_LVL_HI_REQ). These bits are valid when
the autonegotiation is completed (AN_COMPLETE = 1).
See the Transmit Amplitude Advertisement section for more details.
Completion of Autonegotiation
When autonegotiation has completed, the autonegotiation complete
indication register bit (AN_LINK_GOOD) is set. This bit indicates
the completion of the autonegotiation sequence and that the ena-
bled PHY link is setting up or active.
When autonegotiation has completed and the link is up, the autone-
gotiation complete register bit (AN_COMPLETE) is set to 1 and the
contents of the following registers are valid:
►
BASE-T1 autonegotiation advertisement registers
►
AN_ADV_ABILITY_L: Bits[15:0]
►
AN_ADV_ABILITY_M: Bits[31:16]
►
AN_ADV_ABILITY_H: Bits[47:32]
►
BASE-T1 autonegotiation link partner base page ability registers
►
AN_LP_ADV_ABILITY_L: Bits[15:0]
►
AN_LP_ADV_ABILITY_M: Bits[31:16]
►
AN_LP_ADV_ABILITY_H: Bits[47:32]
Link Status
The status of the link can be determined by reading the link status
register bit (AN_LINK_STATUS). This bit latches low.
When read as 1, this bit indicates that a valid link has been
established.
If this bit reads 0, it means that the link has failed since the last time
it was read. This bit latches low. Thus, if a 0 is read, this bit must
be read a second time to determine if the link status has come up in
the interim (see the Latch Low Registers section).
If the link is dropped, the autonegotiation process restarts automati-
cally. Autonegotiation can be restarted by request through a write
to the autonegotiation restart bit (AN_RESTART) in the AN_CON-
TROL register (see the BASE-T1 Autonegotiation Control Register
section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com