Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
Data Sheet
ADIN1101
THEORY OF OPERATION
analog.com
Rev. A | 15 of 79
Leader/Follower Advertisement
On a 10BASE-T1L link, a local node and its remote link partner
advertise their role capabilities whether they can operate as leader,
follower, prefer leader, or prefer follower.
The ADIN1101 PHY provides the following functions:
►
Leader/follower configuration advertisement
►
Forced leader/follower configuration advertisement
►
Read link partner leader/follower configuration
Leader/Follower Configuration Advertisement
The leader/follower configuration register bit (AN_ADV_MST) is
used to configure the PHY to advertise its leader/follower configura-
tion. Note that this bit is configured after power-up, hardware reset,
or software reset based on the MS_SEL configuration pin signal
status and can be overridden by software via the MDIO interface.
Forced Leader/Follower Configuration
Advertisement
The ADIN1101 PHY can be forced to operate as a leader/follower.
Forced configuration must be used with caution because a config-
uration fault can occur if the link partner is also set in forced
mode as a leader/follower, resulting in autonegotiation failure. The
ADIN1101 can be forced to operate as a leader or follower using
the force leader/follower configuration bit (AN_ADV_FORCE_MS)
in the BASE-T1 autonegotiation advertisement register, Bits[15:0]
(AN_ADV_ABILITY_L).
Read Link Partner Leader/Follower
Configuration
The link partner advertised leader/follower setting can be read
using the following bits:
►
AN_LP_ADV_FORCE_MS: link partner force leader/follower
configuration register bit
►
AN_LP_ADV_MST: link partner leader/follower configuration reg-
ister bit
These bits are updated during the autonegotiation process and
are valid when the autonegotiation complete register bit (AN_COM-
PLETE) is set.
Leader/Follower Resolution
Determination of Leader/Follower
Configuration
On a 10BASE-T1L link, when the local and remote PHYs have the
same preferred configuration, for example, both follower or both
leader, autonegotiation randomly assigns compatible configurations
to the local and remote PHYs. When one PHY has a forced
configuration, its leader/follower configuration is given priority over
a PHY with a preferred setting.
Leader/Follower Configuration Resolution
The ADIN1101 leader/follower configuration defined by the autone-
gotiation can be checked using the leader/follower resolution result
register bits (AN_MS_CONFIG_RSLTN). The bits indicate if the
PHY is configured as leader or follower or if there was a configura-
tion fault.
These bits are updated during the autonegotiation process and
are valid when the autonegotiation complete register bit (AN_COM-
PLETE) is set.
Table 12. Determination of Leader/Follower by Autonegotiation
Local1
Remote1
Local
Remote
AN_ADV_FORCE_MS
AN_ADV_MST
AN_LP_ADV_FORCE_MS
AN_LP_ADV_MST
Leader/Follower Resolution
0
0
0
0
Leader/follower
Follower/leader
0
0
0
1
Follower
Leader
0
1
0
0
Leader
Follower
0
1
0
1
Leader/follower
Follower/leader
0
X
1
0
Leader
Follower
0
X
1
1
Follower
Leader
1
0
0
X
Follower
Leader
1
1
0
X
Leader
Follower
1
0
1
0
Configuration fault
Configuration fault
1
0
1
1
Follower
Leader
1
1
1
0
Leader
Follower
1
1
1
1
Configuration fault
Configuration fault
1 X means don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com