Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 46 of 79
Table 48. ADIN1101 Register Summary (Continued)
Device Address
Register Address
Name
Description
Reset
Access
0x1F
0x8005
FC_TX_SEL
Frame Checker Transmit Select Register. 0x0000
R/W
0x1F
0x8008
RX_ERR_CNT
Receive Error Count Register.
0x0000
R
0x1F
0x8009
FC_FRM_CNT_H
Frame Checker Count High Register.
0x0000
R
0x1F
0x800A
FC_FRM_CNT_L
Frame Checker Count Low Register.
0x0000
R
0x1F
0x800B
FC_LEN_ERR_CNT
Frame Checker Length Error Count
Register.
0x0000
R
0x1F
0x800C
FC_ALGN_ERR_CNT
Frame Checker Alignment Error Count
Register.
0x0000
R
0x1F
0x800D
FC_SYMB_ERR_CNT
Frame Checker Symbol Error Count
Register.
0x0000
R
0x1F
0x800E
FC_OSZ_CNT
Frame Checker Oversized Frame Count
Register.
0x0000
R
0x1F
0x800F
FC_USZ_CNT
Frame Checker Undersized Frame Count
Register.
0x0000
R
0x1F
0x8010
FC_ODD_CNT
Frame Checker Odd Nibble Frame Count
Register.
0x0000
R
0x1F
0x8011
FC_ODD_PRE_CNT
Frame Checker Odd Preamble Packet
Count Register.
0x0000
R
0x1F
0x8013
FC_FALSE_CARRIER_CNT
Frame Checker False Carrier Count
Register.
0x0000
R
0x1F
0x8020
FG_EN
Frame Generator Enable Register.
0x0000
R/W
0x1F
0x8021
FG_CNTRL_RSTRT
Frame Generator Control/Restart
Register.
0x0001
R/W
0x1F
0x8022
FG_CONT_MODE_EN
Frame Generator Continuous Mode
Enable Register.
0x0000
R/W
0x1F
0x8023
FG_IRQ_EN
Frame Generator Interrupt Enable
Register.
0x0000
R/W
0x1F
0x8025
FG_FRM_LEN
Frame Generator Frame Length Register. 0x006B
R/W
0x1F
0x8026
FG_IFG_LEN
Frame Generator Interframe Gap Length
Register.
0x000C
R/W
0x1F
0x8027
FG_NFRM_H
Frame Generator Number of Frames
High Register.
0x0000
R/W
0x1F
0x8028
FG_NFRM_L
Frame Generator Number of Frames Low
Register.
0x0100
R/W
0x1F
0x8029
FG_DONE
Frame Generator Done Register.
0x0000
R
0x1F
0x8050
RMII_CFG
RMII Configuration Register.
0x0006
R/W
0x1F
0x8055
MAC_IF_LOOPBACK
MAC Interface Loopbacks Configuration
Register.
0x000A
R/W
0x1F
0x805A
MAC_IF_SOP_CNTRL
MAC Start Of Packet (SOP) Generation
Control Register.
0x001B
R/W
PMA/PMD Control 1 Register
Device Address: 0x01; Register Address: 0x0000, Reset: 0x0000, Name: PMA_PMD_CNTRL1
This address corresponds to the PMA/PMD Control Register 1 specified in Subclause 45.2.1.1 of Standard 802.3. Note that the reset value of
this register is dependent on the hardware configuration pin settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com