Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 50 of 79
PMA/PMD Extended Abilities Register
Device Address: 0x01; Register Address: 0x000B, Reset: 0x0800, Name: PMA_PMD_EXT_ABILITY
PMA/PMD extended abilities.
Table 56. Bit Descriptions for PMA_PMD_EXT_ABILITY
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
11
PMA_PMD_BT1_ABLE
PHY Supports BASE-T1. Indicates that the PHY supports BASE-T1 extended abilities as listed
in PMA_PMD_BT1_ABILITY.
0x1
R
[10:0]
RESERVED
Reserved.
0x0
R
BASE-T1 PMA/PMD Extended Ability Register
Device Address: 0x01; Register Address: 0x0012, Reset: 0x0004, Name: PMA_PMD_BT1_ABILITY
This address corresponds to the BASE-T1 PMA/PMD extended ability register specified in Subclause 45.2.1.16 of Standard 802.3. This register
is read only and writes have no effect.
Table 57. Bit Descriptions for PMA_PMD_BT1_ABILITY
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
B10S_ABILITY
10BASE-T1S Ability. This bit always reads as 0 because the PMA/PMD does not support 10BASE-T1S.
0x0
R
2
B10L_ABILITY
10BASE-T1L Ability. This bit always reads as 1 because the PMA/PMD supports 10BASE-T1L.
0x1
R
1
B1000_ABILITY
1000BASE-T1 Ability. This bit always reads as 0 because the PMA/PMD does not support 1000BASE-T1.
0x0
R
0
B100_ABILITY
100BASE-T1 Ability. This bit always reads as 0 because the PMA/PMD does not support 100BASE-T1.
0x0
R
BASE-T1 PMA/PMD Control Register
Device Address: 0x01; Register Address: 0x0834, Reset: 0x8002, Name: PMA_PMD_BT1_CONTROL
This address corresponds to the BASE-T1 PMA/PMD control register specified in Subclause 45.2.1.185 of Standard 802.3.
Table 58. Bit Descriptions for PMA_PMD_BT1_CONTROL
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x1
R
14
CFG_MST
Leader and Follower Configuration. CFG_MST is used only when autonegotiation is disabled. Otherwise,
this value is determined by the autonegotiation process itself. When this bit is set as 1, the part is configured
as a leader. Otherwise, the device is configured as a follower.
0x0
R/W
[13:4]
RESERVED
Reserved.
0x0
R
[3:0]
BT1_TYPE_SEL
BASE-T1 Type Selection. See IEEE Standard 802.3 for the following control register bit definitions (where X
means don't care):
0x2
R/W
1XXX: reserved.
01XX: reserved.
0011: 10BASE-T1S.
0010: 10BASE-T1L.
0001: 1000BASE-T1
0000: 100BASE-T1
BT1_TYPE_SEL is used only when autonegotiation is disabled and forced link configuration mode is
enabled. If autonegotiation is enabled, the PHY type is determined by the autonegotiation process itself.
Note that for the ADIN1101, the only valid value here is for 10BASE-T1L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com