Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 64 of 79
Software Reset Register
Device Address: 0x1E; Register Address: 0x8810, Reset: 0x0000, Name: CRSM_SFT_RST
Table 99. Bit Descriptions for CRSM_SFT_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_SFT_RST
Software Reset Register. The software reset bit allows the chip to be reset. When this bit is set, the chip
fully initializes, almost equivalent to a hardware reset.
0x0
R/W SC
Software Power-Down Control Register
Device Address: 0x1E; Register Address: 0x8812, Reset: 0x0000, Name: CRSM_SFT_PD_CNTRL
Table 100. Bit Descriptions for CRSM_SFT_PD_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_SFT_PD
Software Power-Down. The software power-down register puts the chip in a lower power mode.
In this mode, most of the circuitry is switched off. However, MDIO access to all registers is still
possible. The default value for this register is configurable via the RX_DV/SWPD_EN pin. This
pin allows the chip to be held in power-down mode until an appropriate software initialization is
performed.
Pin dependent
R/W
PHY Subsystem Reset Register
Device Address: 0x1E; Register Address: 0x8814, Reset: 0x0000, Name: CRSM_PHY_SUBSYS_RST
Table 101. Bit Descriptions for CRSM_PHY_SUBSYS_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_PHY_SUBSYS_RST
PHY Subsystem Reset. The PHY subsystem reset register allows a managed subsystem
reset to be initiated. When the PHY subsystem is reset, normal operation resumes, and the
bit self clears.
0x0
R/W SC
PHY MAC Interface Reset Register
Device Address: 0x1E; Register Address: 0x8815, Reset: 0x0000, Name: CRSM_MAC_IF_RST
Table 102. Bit Descriptions for CRSM_MAC_IF_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
CRSM_MAC_IF_RST
PHY MAC Interface Reset. The PHY MAC interface reset register allows a managed PHY MAC
interface reset to be initiated. When the PHY MAC interface is reset, normal operation resumes, and
the bit self clears.
0x0
R/W SC
System Status Register
Device Address: 0x1E; Register Address: 0x8818, Reset: 0x0000, Name: CRSM_STAT
Table 103. Bit Descriptions for CRSM_STAT
Bits
Bit Name
Description
Reset
Access
[15:2]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com