Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
Data Sheet
ADIN1101
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. A | 23 of 79
The following sections provide some recommendations on how to
bring a link up between the ADIN1101 and a remote link partner.
The sections cover various configurations and some may not be rel-
evant to the intended application. Refer to the Theory of Operation
section for more detailed explanations.
UNMANAGED PHY OPERATION
For an unmanaged PHY where there is no control of the ADIN1101
over the management interface, the hardware configuration pins
determine the operating mode. See the Hardware Configuration
Pins section for more details on how to use the hardware configu-
ration pins. The following sections describe the steps required to
bring up a link in unmanaged applications.
Set the PHY Address
The PHY address can be selected by asserting the PHY ad-
dress pins: RXD_2/PHYAD_0, RXD_3/PHYAD_1, and LINK_ST/
PHYAD_2.
When it exits reset, the ADIN1101 starts autonegotiation and tries
to bring up a link after autonegotiation completes.
See the PHY Address Configuration section for details on how to
use the address pins.
Disable Software Power-Down Mode After
Reset
The software power-down mode must be disabled in unmanaged
applications. Otherwise, the ADIN1101 remains in software power-
down indefinitely. Assert the RX_DV/RX_CTL/SWPD_EN pin high
during power-up and reset so that the PHY does not enter software
power-down mode when it exits reset.
See the Software Power-Down After Reset section for details on
how to configure the software power-down after reset function.
Leader/Follower Selection
The RXD_1/MS_SEL pin is used to configure the PHY to advertise
prefer follower or prefer leader.
See the Leader/Follower Preference section for details on how to
configure the leader/follower setting.
Set Transmit Amplitude Level
The RXD_0/TX2P4_EN pin configures the PHY to advertise the
support of both 1.0 V p-p and 2.4 V p-p transmit level operation or
to only advertise support of 1.0 V p-p transmit level operation.
By default, the ADIN1101 is configured to support 1.0 V p-p and 2.4
V p-p transmit levels due to the internal pull-down resistor. Assert
the relevant pin high or low to disable the support for the 2.4 V p-p
transmit level.
See the Transmit Amplitude section for details on how to configure
the transmit amplitude level.
Select the MAC Interface (RGMII/RMII/MII)
The MAC interface type can be selected using the RX_CLK/RXC/
MACIF_SEL0 and RX_ER/MACIF_SEL1 pins.
See the MAC Interface Selection for details on how to select the
MAC interface.
Enable the Media Converter Functionality
Assert the TXD_3/MEDIA_CNV pin high if media converter function
is required (RMII mode only).
See the Media Converter section for details on how to enable the
media converter functionality.
MANAGED PHY OPERATION
In a managed PHY application, a host controller such as a micro-
controller is used to configure the ADIN1101 operation in software
via the management interface (MDIO).
Similar to the unmanaged PHY operation, the hardware configura-
tion pins can be used to set up the controlled ADIN1101 (see the
Unmanaged PHY Operation section for details). Alternatively, the
hardware configuration pins can directly be controlled by the host
(for example, GPIO) via an external pull-up or pull-down resistor or
both.
In managed applications, the software power-down after reset can
be enabled. The ADIN1101 stays in software power-down mode
until the software has configured the PHY to be active. When
active, the PHY can then start autonegotiation and try to bring up a
link.
Power-Up and Reset Complete
A typical way for software to verify that the device has completed
the power-up and reset sequence and is available for normal
operation is to read the management register that has the IEEE or-
ganizationally unique identifier (OUI), model, and revision numbers.
The value of this register is unique to each PHY vendor and is a
nonzero value. If the device has not completed the power-up, the
value does not read correctly. In legacy BASE-T PHYs, this value
is at management interface Register Address 0x2 and Register
Address 0x3.
In the ADIN1101, the OUI, model number, and revision numbers
can also be read at Device Address 0x1F (Clause 45 only), Regis-
ter Address 0x2, and Register Address 0x3 (Clause 22 and Clause
45).
MMD1_DEV_ID1 contains the OUI, Bits[3:18] (see the Vendor
Specific MMD 1 Device Identifier High Register section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com