Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 74 of 79
Frame Checker Odd Preamble Packet Count Register
Device Address: 0x1F; Register Address: 0x8011, Reset: 0x0000, Name: FC_ODD_PRE_CNT
This register is a latched copy of the odd preamble packet counter register. This register is a count of received packets with an odd number of
nibbles in the preamble. When the receive error counter (RX_ERR_CNT) is read, the odd preamble packet counter register is latched, which
ensures that the odd preamble packet count and the receive frame count are synchronized.
Table 133. Bit Descriptions for FC_ODD_PRE_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_ODD_PRE_CNT
Latched Copy of the Odd Preamble Packet Counter.
0x0
R
Frame Checker False Carrier Count Register
Device Address: 0x1F; Register Address: 0x8013, Reset: 0x0000, Name: FC_FALSE_CARRIER_CNT
This register is a latched copy of the false carrier events counter register. This is a count of the number of times the bad SSD state is entered.
When the receive error counter (RX_CNT_ERR) is read, the false carrier events counter register is latched, which ensures that the false carrier
events count and the receive frame count are synchronized.
Table 134. Bit Descriptions for FC_FALSE_CARRIER_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
FC_FALSE_CARRIER_CNT
Latched Copy of the False Carrier Events Counter.
0x0
R
Frame Generator Enable Register
Device Address: 0x1F; Register Address: 0x8020, Reset: 0x0000, Name: FG_EN
This register is used to enable the frame generator. When the frame generator is enabled, the source of data for the PHY comes from the frame
generator and not the MAC interface. To use the frame generator, the diagnostic clock must also be enabled (DIAG_CLK_EN).
Table 135. Bit Descriptions for FG_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_EN
Frame Generator Enable.
0x0
R/W
Frame Generator Control/Restart Register
Device Address: 0x1F; Register Address: 0x8021, Reset: 0x0001, Name: FG_CNTRL_RSTRT
This register controls the frame generator. The FG_CNTRL bit field specifies data field type used by the frame generator, for example, random
or all zeros. The FG_RSTRT bit restarts the frame generator.
Table 136. Bit Descriptions for FG_CNTRL_RSTRT
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
FG_RSTRT
Frame Generator Restart. When set, this bit restarts the frame generator. This bit is self clearing.
0x0
R/W SC
[2:0]
FG_CNTRL
Frame Generator Control.
0x1
R/W
000: no frames after completion of current frame.
001: random number data frame.
010: all zeros data frame.
011: all ones data frame.
100: alternative 0x55 data field.
101: data field decrementing from 255 (decimal) to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com