Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 66 of 79
Package Configuration Values Register
Device Address: 0x1E; Register Address: 0x8C22, Reset: 0x0000, Name: MGMT_PRT_PKG
The MGMT_CFG_VAL address allows reading the package configuration values.
Table 107. Bit Descriptions for MGMT_PRT_PKG
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
[5:0]
MGMT_PRT_PKG_VAL
Package Type. 1 = ADIN1101 32-lead LFCSP.
0x1
R
MDIO Control Register
Device Address: 0x1E; Register Address: 0x8C30, Reset: 0x0000, Name: MGMT_MDIO_CNTRL
Table 108. Bit Descriptions for MGMT_MDIO_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
MGMT_GRP_MDIO_EN
Enable MDIO PHY/Port Group Address Mode. In this mode, the PHY responds to any write
or address operation to the PHY/Port Address 31 (decimal) regardless of its own PHY/port
address. This feature is only intended for initialization sequences in multiport applications, and
must only be set in those cases, and cleared immediately after the initialization is complete.
0x0
R/W
Pin Mux Configuration 1 Register
Device Address: 0x1E; Register Address: 0x8C56, Reset: 0x00FE, Name: DIGIO_PINMUX
Table 109. Bit Descriptions for DIGIO_PINMUX
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x7F
R
0
DIGIO_LINK_ST_POLARITY
LINK_ST Polarity.
0x0
R/W
0: assert high.
1: assert low.
Pin Mux Configuration 2 Register
Device Address: 0x1E; Register Address: 0x8C57, Reset: 0x00FF, Name: DIGIO_PINMUX2
Table 110. Bit Descriptions for DIGIO_PINMUX2
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:4]
DIGIO_RXSOP_PINMUX
Pin Mux Select for RX_SOP.
0xF
R/W
0000: RXD_3.
0001: RXD_2.
0010: RXD_1.
0011: RX_CLK.
0100: RX_DV.
0101: RX_ER.
0111: TX_EN.
1000: TX_CLK.
1001: TXD_1.
1010: TXD_2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com