Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Data Sheet
ADIN1101
APPLICATIONS INFORMATION
analog.com
Rev. A | 34 of 79
SYSTEM LEVEL POWER MANAGEMENT
Transmit Level = 1.0 V p-p
The 1.0 V p-p transmit operating mode can operate at a lower
AVDD_H supply voltage of 1.8 V.
For applications where the ADIN1101 must operate in 1.0 V p-p
transmit operating mode, the RXD_0/TX2P4_EN pin must be tied
high via a 4.7 kΩ resistor (see Figure 22). This configuration forces
the ADIN1101 to only operate in 1.0 V p-p transmit operating mode
and enables the ADIN1101 to operate from a signal supply voltage
at a lower voltage rail (for example, 1.8 V), allowing the user to
minimize power dissipation in the system.
Figure 22. Supplies and Capacitors for Forced 1 V p-p Transmit Mode
Transmit Level = 2.4 V p-p
The higher transmit operating mode of 2.4 V p-p supports trunk
applications and requires a higher AVDD_H supply voltage of 3.3
V. This mode can be used for longer cable lengths in industrial
Ethernet environments with high noise levels.
For the ADIN1101 to be able to operate at 2.4 V p-p, the RXD_0/
TX2P4_EN pin must be held low (pin has an internal pull-down
resistor). This mode of operation still allows the 1.0 V p-p operating
mode to be selected via MDIO or via autonegotiation.
Multiple Supplies Configuration
Figure 23 shows an overview of the proposed power configuration.
Note that this configuration requires that AVDD_H = 3.3 V even
if the link is established in 1.0 V p-p transmit operating mode via
MDIO or autonegotiation.
Figure 23. Supplies and Capacitors for Multiple Supply 2.4 V p-p and 1.0 V
p-p Transmit Mode
Single-Supply Configuration
For single-supply operation, the same rail can be used to supply
the ADIN1101 AVDD_H, AVDD_L, and VDDIO supply rails. This
configuration is shown in Figure 24.
Figure 24. Supplies and Capacitors for Single-Supply 2.4 p-p Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com