Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
Data Sheet
ADIN1101
THEORY OF OPERATION
analog.com
Rev. A | 18 of 79
PHY Subsystem Reset
A PHY subsystem reset is initiated on the ADIN1101 by setting the
PHY subsystem reset register bit (CRSM_PHY_SUBSYS_RST) to
1. The reset is applied for typically 1.2 µs, and then this bit self
clears. All of the PHY digital circuitry is reset, and any available ac-
tive link drops. The PHY subsystem reset does not alter the values
of the management registers, which remain accessible throughout
the sequence. The subsystem reset is a short reset and can be
used to put the device into a known state while retaining the internal
register contents.
MAC Interface Reset
A MAC interface reset is initiated on the ADIN1101 by setting the
PHY MAC interface reset register bit (CRSM_MAC_IF_RST) to 1.
The reset is applied for typically 1.2 µs, and then this bit self clears.
A reset sequence is provided to the ADIN1101 MAC interface,
but without dropping the available active link. This reset interrupts
any packet transmission or reception on the MAC interface, but
does not drop an existing active link nor prevent a link from being
established. The MAC interface reset does not alter the values of
the management registers, which remain accessible throughout the
sequence.
STATUS LEDS
Overview
The LED_0 pin can be used to connect external LEDs to indicate
the ADIN1101 link status and transmit or receive activity. The
activity assigned to each LED is configurable through LED_CNTRL
(see the LED Control Register section).
The LED_0 pin is suitable for ultra low power LEDs. The maximum
output current for the LED_0 pin is 8 mA with a VDDIO = 3.3 V. For
higher LED power requirements, the use of an external transistor
is recommended, as described in the Transistor Controlled LED
section.
The LED_0 pin can also be connected to a host microcontroller
GPIO (configured as a pulse-width modulated input or hardware
interrupt). This configuration can be useful in applications where the
user interface must be fully handled by an external host controller
(for example, an external LED module or display).
If the LED_0 pin is directly connected to a host controller, it is
recommended to place a low value resistance in series between the
ADIN1101 LED_0 pin and the host controller to avoid any potential
current surge. The resistor value must be defined based on host
controller capabilities and the ADIN1101 LED_0 pin output current
capabilities listed in Table 1.
LED Polarity
The LED_0 pin can be configured to support various LED circuit
polarities through the LED polarity mode feature (see the LED
Polarity Register section). Three polarity modes are available for
LED_0, as follows:
►
Autosense (default)
►
Active high
►
Active low
In autosense mode, the ADIN1101 automatically senses the pin at
power-up or reset to select the appropriate polarity configuration.
In active high mode, the ADIN1101 is configured to drive the LED
from the anode side.
In active low mode, the ADIN1101 is configured to drive the LED
from the cathode side.
Example circuits are described in the LED Circuit Examples sec-
tion.
LED Function
LED_0 can be configured to display various activities of the
ADIN1101 using the LED function feature. The LED function is
configurable using the LED0_FUNCTION bit (see the LED Control
Register section).
The 7, 8, 9, and 10 (decimal) bit settings for LED0_FUNCTION are
not available in LED Mode 2.
LED Mode
LED_0 activity behavior can be configured using the two LED
modes, as follows:
►
LED Mode 1: blink duty cycle defined using the
LED0_BLINK_TIME_CNTRL (see the LED 0 On/Off Blink Time
Register section)
►
LED Mode 2: blink duty cycle automatically defined by the
ADIN1101 based on activity level (%)
LED_0 Pin Configuration Summary
See Table 13 for the configuration options of the LED_0 pin.
Table 13. LED_0 Pin Configuration Summary
Parameter
LED_0
Pin Number
3
Internal Pull-Up or Pull-Down Resistor
Pull-up
Status at Power-Up or Reset
Enabled
LED Pin Mux
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com