Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 76 of 79
Table 140. Bit Descriptions for FG_IFG_LEN
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_IFG_LEN
Frame Generator Interframe Gap Length. This register specifies the length in bytes of the interframe gap to be
inserted between frames by the frame generator.
0xC
R/W
Frame Generator Number of Frames High Register
Device Address: 0x1F; Register Address: 0x8027, Reset: 0x0000, Name: FG_NFRM_H
This register is Bits[31:16] of a 32-bit register that specifies the number of frames to be generated each time the frame generator is enabled or
restarted.
Table 141. Bit Descriptions for FG_NFRM_H
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_NFRM_H
Bits[31:16] of the Number of Frames to be Generated.
0x0
R/W
Frame Generator Number of Frames Low Register
Device Address: 0x1F; Register Address: 0x8028, Reset: 0x0100, Name: FG_NFRM_L
This register is Bits[15:0] of a 32-bit register that specifies the number of frames to be generated each time the frame generator is enabled or
restarted.
Table 142. Bit Descriptions for FG_NFRM_L
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_NFRM_L
Bits[15:0] of the Number of Frames to be Generated.
0x100
R/W
Frame Generator Done Register
Device Address: 0x1F; Register Address: 0x8029, Reset: 0x0000, Name: FG_DONE
This register is used to indicate that the frame generator completed the generation of the number of frames requested in the FG_NFRM_H and
FG_NFRM_L registers.
Table 143. Bit Descriptions for FG_DONE
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_DONE
Frame Generator Done. This bit reads as 1 to indicate that the generation of frames has completed. When set,
this bit goes high and it latches high until its unlatched by reading.
0x0
R LH
RMII Configuration Register
Device Address: 0x1F; Register Address: 0x8050, Reset: 0x0006, Name: RMII_CFG
Table 144. Bit Descriptions for RMII_CFG
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x3
R
0
RMII_TXD_CHK_EN
RMII TXD Check Enable. This bit determines whether or not TXD_1 to TXD_0 are monitored to
detect the start of a frame. This bit allows the RMII receiver CRS_DV signal to be connected to the
RMII TX_EN signal. This bit is mainly intended for debug and test purposes.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com