Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 79Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 75 of 79
Frame Generator Continuous Mode Enable Register
Device Address: 0x1F; Register Address: 0x8022, Reset: 0x0000, Name: FG_CONT_MODE_EN
This register is used to put the frame generator into continuous mode. The default mode of operation is burst mode, where the number of
frames generated is specified by the FG_NFRM_H and FG_NFRM_L registers.
Table 137. Bit Descriptions for FG_CONT_MODE_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_CONT_MODE_EN
Frame Generator Continuous Mode Enable. This bit is used to put the frame generator into
continuous mode or burst mode.
0x0
R/W
1: frame generator operates in continuous mode. In this mode, the frame generator keeps
generating frames indefinitely.
0: frame generator operates in burst mode. In this mode, the frame generator generates a single
burst of frames and then stops. The number of frames is determined by the FG_NFRM_H and
FG_NFRM_L registers.
Frame Generator Interrupt Enable Register
Device Address: 0x1F; Register Address: 0x8023, Reset: 0x0000, Name: FG_IRQ_EN
This register is used to enable the frame generator interrupt. An interrupt is generated when the requested number of frames has been
generated. Enable the frame checker/generator interrupt in the PHY_SUBSYS_IRQ_MASK register. Set the MAC_IF_FC_FG_IRQ_EN bit.
The interrupt status can be read via the MAC_IF_FC_FG_IRQ_LH bit in the PHY_SUBSYS_IRQ_STATUS register.
Table 138. Bit Descriptions for FG_IRQ_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_IRQ_EN
Frame Generator Interrupt Enable. When set, this bit indicates that the frame generator must generate an
interrupt when it has transmitted the programmed number of frames.
0x0
R/W
1: enable the frame generator interrupt.
0: disable the frame generator interrupt.
Frame Generator Frame Length Register
Device Address: 0x1F; Register Address: 0x8025, Reset: 0x006B, Name: FG_FRM_LEN
This register specifies the data field frame length in bytes. In addition to the data field, six bytes are added for the source address, six bytes
for the destination address, two bytes for the length field, and four bytes for the frame check sequence (FCS). The total length is the data field
length plus 18.
Table 139. Bit Descriptions for FG_FRM_LEN
Bits
Bit Name
Description
Reset
Access
[15:0]
FG_FRM_LEN
The Data Field Frame Length in Bytes.
0x6B
R/W
Frame Generator Interframe Gap Length Register
Device Address: 0x1F; Register Address: 0x8026, Reset: 0x000C, Name: FG_IFG_LEN
This register specifies the length in bytes of the interframe gap to be inserted between frames by the frame generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com