Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 45 of 79
Table 48. ADIN1101 Register Summary (Continued)
Device Address
Register Address
Name
Description
Reset
Access
0x07
0x020E
AN_B10_ADV_ABILITY
10BASE-T1 Autonegotiation Control
Register.
0x8000
R/W
0x07
0x020F
AN_B10_LP_ADV_ABILITY
10BASE-T1 Autonegotiation Status
Register.
0x0000
R
0x07
0x8000
AN_FRC_MODE_EN
Autonegotiation Force Mode Enable
Register.
0x0000
R/W
0x07
0x8001
AN_STATUS_EXTRA
Extra Autonegotiation Status Register.
0x0000
R
0x07
0x8030
AN_PHY_INST_STATUS
PHY Instantaneous Status.
0x0010
R
0x1E
0x0002
MMD1_DEV_ID1
Vendor Specific MMD 1 Device Identifier
High Register.
0x0283
R
0x1E
0x0003
MMD1_DEV_ID2
Vendor Specific MMD 1 Device Identifier
Low Register.
0xBC01
R
0x1E
0x0005
MMD1_DEVS_IN_PKG1
Vendor Specific 1 MMD Devices in
Package Register.
0x008B
R
0x1E
0x0006
MMD1_DEVS_IN_PKG2
Vendor Specific 1 MMD Devices in
Package Register.
0xC000
R
0x1E
0x0008
MMD1_STATUS
Vendor Specific MMD 1 Status Register.
0x8000
R
0x1E
0x0010
CRSM_IRQ_STATUS
System Interrupt Status Register.
0x1000
R
0x1E
0x0020
CRSM_IRQ_MASK
System Interrupt Mask Register.
0x1BFE
R/W
0x1E
0x8810
CRSM_SFT_RST
Software Reset Register.
0x0000
R/W
0x1E
0x8812
CRSM_SFT_PD_CNTRL
Software Power-Down Control Register.
0x0000
R/W
0x1E
0x8814
CRSM_PHY_SUBSYS_RST
PHY Subsystem Reset Register.
0x0000
R/W
0x1E
0x8815
CRSM_MAC_IF_RST
PHY MAC Interface Reset Register.
0x0000
R/W
0x1E
0x8818
CRSM_STAT
System Status Register.
0x0000
R
0x1E
0x8819
CRSM_PMG_CNTRL
CRSM Power Management Control
Register.
0x0000
R/W
0x1E
0x882B
CRSM_MAC_IF_CFG
MAC Interface Configuration Register.
0x0000
R/W
0x1E
0x882C
CRSM_DIAG_CLK_CTRL
CRSM Diagnostics Clock Control.
0x0002
R/W
0x1E
0x8C22
MGMT_PRT_PKG
Package Configuration Values Register.
0x0000
R
0x1E
0x8C30
MGMT_MDIO_CNTRL
MDIO Control Register.
0x0000
R/W
0x1E
0x8C56
DIGIO_PINMUX
Pin Mux Configuration 1 Register.
0x00FE
R/W
0x1E
0x8C57
DIGIO_PINMUX2
Pin Mux Configuration 2 Register.
0x00FF
R/W
0x1E
0x8C80
LED0_BLINK_TIME_CNTRL
LED 0 On/Off Blink Time Register.
0x3636
R/W
0x1E
0x8C82
LED_CNTRL
LED Control Register.
0x8E80
R/W
0x1E
0x8C83
LED_POLARITY
LED Polarity Register.
0x0000
R/W
0x1F
0x0002
MMD2_DEV_ID1
Vendor Specific MMD 2 Device Identifier
High Register.
0x0283
R
0x1F
0x0003
MMD2_DEV_ID2
Vendor Specific MMD 2 Device Identifier
Low Register.
0xBC01
R
0x1F
0x0005
MMD2_DEVS_IN_PKG1
Vendor Specific 2 MMD Devices in
Package Register.
0x008B
R
0x1F
0x0006
MMD2_DEVS_IN_PKG2
Vendor Specific 2 MMD Devices in
Package Register.
0xC000
R
0x1F
0x0008
MMD2_STATUS
Vendor Specific MMD 2 Status Register.
0x8000
R
0x1F
0x0011
PHY_SUBSYS_IRQ_STATUS
PHY Subsystem Interrupt Status
Register.
0x0000
R
0x1F
0x0021
PHY_SUBSYS_IRQ_MASK
PHY Subsystem Interrupt Mask Register. 0x2402
R/W
0x1F
0x8001
FC_EN
Frame Checker Enable Register.
0x0001
R/W
0x1F
0x8004
FC_IRQ_EN
Frame Checker Interrupt Enable Register. 0x0001
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com