Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 71 of 79
Table 120. Bit Descriptions for PHY_SUBSYS_IRQ_MASK (Continued)
Bits
Bit Name
Description
Reset
Access
12
RESERVED
Reserved.
0x0
R/W
11
AN_STAT_CHNG_IRQ_EN
Enable Autonegotiation Status Change Interrupt.
0x0
R/W
[10:2]
RESERVED
Reserved.
0x100
R/W
1
LINK_STAT_CHNG_IRQ_EN
Enable Link Status Change Interrupt.
0x1
R/W
0
RESERVED
Reserved.
0x0
R/W
Frame Checker Enable Register
Device Address: 0x1F; Register Address: 0x8001, Reset: 0x0001, Name: FC_EN
This register is used to enable the frame checker. The frame checker analyzes the received frames from either the MAC interface or the PHY
(see the FC_TX_SEL register) to report the number of frames received, CRC errors, and various other frame errors. The frame checker frame
and error counter registers count these events.
Table 121. Bit Descriptions for FC_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FC_EN
Frame Checker Enable. Set to 1 to enable the frame checker.
0x1
R/W
Frame Checker Interrupt Enable Register
Device Address: 0x1F; Register Address: 0x8004, Reset: 0x0001, Name: FC_IRQ_EN
This register is used to enable the frame checker interrupt. An interrupt is generated when a receive error occurs. Enable the frame
checker/generator interrupt in the PHY_SUBSYS_IRQ_MASK register. Set the MAC_IF_FC_FG_IRQ_EN bit.
The status can be read via the MAC_IF_FC_FG_IRQ_LH bit in the PHY_SUBSYS_IRQ_STATUS register.
Table 122. Bit Descriptions for FC_IRQ_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FC_IRQ_EN
Frame Checker Interrupt Enable. When set, this bit enables the frame checker interrupt.
0x1
R/W
Frame Checker Transmit Select Register
Device Address: 0x1F; Register Address: 0x8005, Reset: 0x0000, Name: FC_TX_SEL
This register is used to select the transmit side or receive side for frames to be checked. If set, frames received from the MAC interface to
be transmitted are checked. The frame checker can be used to verify that correct data is received over the MAC interface and is also useful
if remote loopback is enabled (see the MAC_IF_REM_LB_EN bit in the MAC_IF_LOOPBACK register) because it can be used to check the
received data after it is looped back at the MAC interface.
Table 123. Bit Descriptions for FC_TX_SEL
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FC_TX_SEL
Frame Checker Transmit Select. When set, this bit indicates that the frame checker must check frames received
to be transmitted by the PHY.
0x0
R/W
1: check frames from the MAC interface to be transmitted by the PHY.
0: check frames received by the PHY from the remote end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com