Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 60 of 79
BASE-T1 Autonegotiation Link Partner Next Page Ability Register, Bits[47:32]
Device Address: 0x07; Register Address: 0x020D, Reset: 0x0000, Name: AN_LP_NEXT_PAGE_H
This address corresponds to the BASE-T1 autonegotiation next page ability register, Bits[47:32], of the link partner specified in Clause
45.2.7.24 of Standard 802.3. The values of this register are latched when AN_LP_NEXT_PAGE_L is read. Reading this register returns the
latched value rather than the current value.
Table 86. Bit Descriptions for AN_LP_NEXT_PAGE_H
Bits
Bit Name
Description
Reset
Access
[15:0]
AN_LP_NP_UNFORMATTED2
Link Partner Unformatted Code Field 2.
0x0
R
10BASE-T1 Autonegotiation Control Register
Device Address: 0x07; Register Address: 0x020E, Reset: 0x8000, Name: AN_B10_ADV_ABILITY
This address corresponds to the 10BASE-T1 autonegotiation control register specified in Clause 45.2.7.25 of Standard 802.3cg.
Table 87. Bit Descriptions for AN_B10_ADV_ABILITY
Bits
Bit Name
Description
Reset
Access
15
AN_B10_ADV_B10L
10BASE-T1L Ability. This bit is a duplicate of the AN_ADV_B10L bit. 0x1
R/W
14
AN_B10_ADV_B10L_EEE
10BASE-T1L EEE Ability. This bit is a duplicate of the
AN_ADV_B10L_EEE bit.
0x0
R
13
AN_B10_ADV_B10L_TX_LVL_HI_ABL
10BASE-T1L High Level Transmit Operating Mode Ability. This bit is
a duplicate of the AN_ADV_B10L_TX_LVL_HI_ABL bit.
Pin dependent
R/W
12
AN_B10_ADV_B10L_TX_LVL_HI_REQ
10BASE-T1L High Level Transmit Operating Mode Request. This bit
is a duplicate of the AN_ADV_B10L_TX_LVL_HI_REQ bit.
Pin dependent
R/W
[11:0]
RESERVED
Reserved.
0x0
R
10BASE-T1 Autonegotiation Status Register
Device Address: 0x07; Register Address: 0x020F, Reset: 0x0000, Name: AN_B10_LP_ADV_ABILITY
This address corresponds to the 10BASE-T1 autonegotiation status register specified in Clause 45.2.7.26 of Standard 802.3cg.
Table 88. Bit Descriptions for AN_B10_LP_ADV_ABILITY
Bits
Bit Name
Description
Reset
Access
15
AN_B10_LP_ADV_B10L
10BASE-T1L Ability. This bit is a duplicate of the AN_LP_ADV_B10L bit. 0x0
R
14
AN_B10_LP_ADV_B10L_EEE
10BASE-T1L EEE Ability. This bit is a duplicate of the
AN_LP_ADV_B10L_EEE bit.
0x0
R
13
AN_B10_LP_ADV_B10L_TX_LVL_HI_ABL
10BASE-T1L High Level Transmit Operating Mode Ability. This bit is a
duplicate of the AN_LP_ADV_B10L_TX_LVL_HI_ABL bit.
0x0
R
12
AN_B10_LP_ADV_B10L_TX_LVL_HI_REQ
10BASE-T1L High Level Transmit Operating Mode Request. This bit is a
duplicate of the AN_LP_ADV_B10L_TX_LVL_HI_REQ bit.
0x0
R
[11:8]
RESERVED
Reserved.
0x0
R
7
AN_B10_LP_ADV_B10S_FD
Link Partner 10BASE-T1S Full Duplex Ability. This bit is a duplicate of
the AN_LP_ADV_B10S_FD bit.
0x0
R
6
AN_B10_LP_ADV_B10S_HD
Link Partner 10BASE-T1S Half-Duplex Ability. This bit is a duplicate of
the AN_LP_ADV_B10S_HD bit.
0x0
R
[5:0]
RESERVED
Reserved.
0x0
R
Autonegotiation Force Mode Enable Register
Device Address: 0x07; Register Address: 0x8000, Reset: 0x0000, Name: AN_FRC_MODE_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com