Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 63 of 79
Vendor Specific Device 1 and Vendor Specific Device 2 MMDs are present.
Table 95. Bit Descriptions for MMD1_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD1_DEVS_IN_PKG2
Vendor Specific 1 MMD Devices in Package 2. Vendor Specific Device 1 and Vendor Specific
Device 2 MMDs are present.
0xC000
R
Vendor Specific MMD 1 Status Register
Device Address: 0x1E; Register Address: 0x0008, Reset: 0x8000, Name: MMD1_STATUS
This address corresponds to the Vendor Specific MMD 1 status register specified in Subclause 45.2.11.2 of Standard 802.3.
Table 96. Bit Descriptions for MMD1_STATUS
Bits
Bit Name
Description
Reset
Access
[15:14]
MMD1_STATUS
Vendor Specific 1 MMD Status.
0x2
R
10: device responding at this address.
11: no device responding at this address.
01: no device responding at this address.
00: no device responding at this address.
[13:0]
RESERVED
Reserved.
0x0
R
System Interrupt Status Register
Device Address: 0x1E; Register Address: 0x0010, Reset: 0x1000, Name: CRSM_IRQ_STATUS
This address can be used to check which interrupt requests have been triggered since the last time it was read. Each bit goes high when
the associated event occurs and then latches high until it is unlatched by reading. The bits of CRSM_IRQ_STATUS go high even when the
associated interrupts are not enabled. A reserved interrupt being triggered indicates a fatal error in the system.
Table 97. Bit Descriptions for CRSM_IRQ_STATUS
Bits
Bit Name
Description
Reset
Access
15
CRSM_SW_IRQ_LH
Software Requested Interrupt Event.
0x0
R LH
[14:13]
RESERVED
Reserved.
0x0
R
12
CRSM_HRD_RST_IRQ_LH
Hardware Reset Interrupt.
0x1
R LH
[11:0]
RESERVED
Reserved.
0x0
R LH
System Interrupt Mask Register
Device Address: 0x1E; Register Address: 0x0020, Reset: 0x1BFE, Name: CRSM_IRQ_MASK
Controls whether or not the interrupt signal is asserted in response to various events.
Table 98. Bit Descriptions for CRSM_IRQ_MASK
Bits
Bit Name
Description
Reset
Access
15
CRSM_SW_IRQ_REQ
Software Interrupt Request. Software can set this bit to generate an interrupt for system
level testing. This bit always reads as 0 because it is self clearing.
0x0
R/W SC
[14:13]
RESERVED
Reserved.
0x0
R
12
CRSM_HRD_RST_IRQ_EN
Enable Hardware Reset Interrupt. Note that writing a 0 to this register does not mask the
interrupt since this register is initialized when a hardware reset occurs.
0x1
R/W
[11:0]
RESERVED
Reserved.
0xBFE
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com